Electronic Components Datasheet Search
  English  ▼

X  

BLT13 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLT13
Description  UHF power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT13 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLT13 Datasheet HTML 1Page - NXP Semiconductors BLT13 Datasheet HTML 2Page - NXP Semiconductors BLT13 Datasheet HTML 3Page - NXP Semiconductors BLT13 Datasheet HTML 4Page - NXP Semiconductors BLT13 Datasheet HTML 5Page - NXP Semiconductors BLT13 Datasheet HTML 6Page - NXP Semiconductors BLT13 Datasheet HTML 7Page - NXP Semiconductors BLT13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1996 Apr 12
3
Philips Semiconductors
Preliminary specification
UHF power transistor
BLT13
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note to the “Limiting values” and “Thermal characteristics”
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
10
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
collector current (DC)
−
1
A
Ptot
total power dissipation
Ts = 130 °C; note 1
−
1
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to
soldering point
Ptot = 1 W; Ts = 130 °C; note 1
45
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC = 5 mA
20
−
V
V(BR)CEO
collector-emitter breakdown voltage
open base; IC = 10 mA
10
−
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE = 1 mA
2.5
−
V
ICES
collector leakage current
VCE = 6 V; VBE = 0
−
0.1
mA
hFE
DC current gain
VCE = 5 V; IC = 100 mA
30
150
Cc
collector capacitance
VCB = 6 V; IE = ie = 0; f = 1 MHz
−
8
pF
Cre
feedback capacitance
VCE = 6 V; IC = 0; f = 1 MHz
−
6
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com