Electronic Components Datasheet Search
  English  ▼

X  

BLT13 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLT13
Description  UHF power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT13 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLT13 Datasheet HTML 1Page - NXP Semiconductors BLT13 Datasheet HTML 2Page - NXP Semiconductors BLT13 Datasheet HTML 3Page - NXP Semiconductors BLT13 Datasheet HTML 4Page - NXP Semiconductors BLT13 Datasheet HTML 5Page - NXP Semiconductors BLT13 Datasheet HTML 6Page - NXP Semiconductors BLT13 Datasheet HTML 7Page - NXP Semiconductors BLT13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1996 Apr 12
4
Philips Semiconductors
Preliminary specification
UHF power transistor
BLT13
APPLICATION INFORMATION
RF performance at Ts ≤ 60 °C in a common emitter test circuit (note 1).
Note
1. Ts is the temperature at the soldering point of the collector pin.
Ruggedness in class-AB operation
The BLT13 is capable of withstanding a load mismatch corresponding to VSWR = 6 : 1 through all phases under the
following conditions:
δ = 1 : 8; tp ≤ 5 ms; f = 1800 MHz; VCE = 8.5 V; PL = 2 W; Ts ≤ 60 °C.
MODE OF OPERATION
f
(MHz)
VCE
(V)
ICQ
(mA)
PL
(W)
Gp
(dB)
η
C
(%)
Pulsed, class-AB;
δ = 1 : 8; tp ≤ 5 ms
1800
6
2
2
≥6
≥50
typ. 8.5
typ. 65
Fig.2
Power gain and collector efficiency as
functions of load power; typical values.
Pulsed, class-AB;
δ = 1 : 8; tp ≤ 5 ms; f = 1800 MHz; VCE = 6 V;
ICQ = 2 mA; tuned at PL = 2 W; Ts ≤ 60 °C.
handbook, halfpage
0
3
10
Gp
(dB)
0
2
MGD236
4
6
8
1
2
PL (W)
100
ηC
(%)
ηC
80
20
40
0
60
Gp



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com