Electronic Components Datasheet Search
  English  ▼

X  

HE8811 Datasheet(PDF) 2 Page - Opnext. Inc.

Part # HE8811
Description  GaAlAs Infrared Emitting Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HE8811 Datasheet(HTML) 2 Page - Opnext. Inc.

  HE8811 Datasheet HTML 1Page - Opnext. Inc. HE8811 Datasheet HTML 2Page - Opnext. Inc. HE8811 Datasheet HTML 3Page - Opnext. Inc. HE8811 Datasheet HTML 4Page - Opnext. Inc. HE8811 Datasheet HTML 5Page - Opnext. Inc. HE8811 Datasheet HTML 6Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HE8811
Rev.2, Mar. 2005, page 2 of 6
Absolute Maximum Ratings
(TC = 25°C)
Item
Symbol
Value
Unit
Forward current
IF
200
mA
Reverse voltage
VR
3
V
Operating temperature
Topr
–20 to +60
°C
Storage temperature
Tstg
–40 to +90
°C
Optical and Electrical Characteristics
(TC = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Optical output power
PO
20
30
—
mW
IF = 150 mA
Peak wavelength
λp
780
820
900
nm
IF = 150 mA
Spectral width
∆λ
—
50
—
nm
IF = 150 mA
Forward voltage
VF
—
—
2.5
V
IF = 150 mA
Reverse current
IR
—
—
100
µA
VR = 3 V
Capacitance
Ct
—
10
—
pF
VR = 0 V, f = 1 MHz
Rise time
tr
—
5
—
ns
IF = 50 mA
Fall time
tf
—
7
—
ns
IF = 50 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com