Electronic Components Datasheet Search
  English  ▼

X  

HE8811 Datasheet(PDF) 3 Page - Opnext. Inc.

Part # HE8811
Description  GaAlAs Infrared Emitting Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HE8811 Datasheet(HTML) 3 Page - Opnext. Inc.

  HE8811 Datasheet HTML 1Page - Opnext. Inc. HE8811 Datasheet HTML 2Page - Opnext. Inc. HE8811 Datasheet HTML 3Page - Opnext. Inc. HE8811 Datasheet HTML 4Page - Opnext. Inc. HE8811 Datasheet HTML 5Page - Opnext. Inc. HE8811 Datasheet HTML 6Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HE8811
Rev.2, Mar. 2005, page 3 of 6
Typical Characteristic Curves
Forward current, IF (mA)
Forward voltage, VF (V)
λp
Wavelength,
λ (nm)
40
30
0
50
100
150
200
20
10
25
°C
60
°C
Optical Output Power vs. Forward Current
200
0
0
0.5
150
100
50
1.0
1.5
2.0
2.5
3.0
25
°C
−20°C
Forward Current vs. Forward Voltage
TC = 0°C
100
80
60
40
20
0
−80
−40
40
80
Spectral Distribution
Current pulse
Optical pulse
10 ns/div
Pulse Response
TC = 25°C
TC = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com