Electronic Components Datasheet Search
  English  ▼

X  

H3YN-21 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H3YN-21
Description  Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3YN-21 Datasheet(HTML) 2 Page - Omron Electronics LLC

  H3YN-21 Datasheet HTML 1Page - Omron Electronics LLC H3YN-21 Datasheet HTML 2Page - Omron Electronics LLC H3YN-21 Datasheet HTML 3Page - Omron Electronics LLC H3YN-21 Datasheet HTML 4Page - Omron Electronics LLC H3YN-21 Datasheet HTML 5Page - Omron Electronics LLC H3YN-21 Datasheet HTML 6Page - Omron Electronics LLC H3YN-21 Datasheet HTML 7Page - Omron Electronics LLC H3YN-21 Datasheet HTML 8Page - Omron Electronics LLC H3YN-21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
B-88
Solid-state Timer
H3YN
Hold-down Clips
Specifications
I Ratings
Note: 1. Single-phase, full-wave-rectified power supplies can be used.
2. When using the H3YN continuously in any place where the ambient temperature is in a range of 45
°C to 50°C, supply 90% to 110% of
the rated supply voltages (supply 95% to 110% with 12 VDC type).
3. Set the reset voltage as follows to ensure proper resetting.
100 to 120 VAC: 10 VAC max.
200 to 230 VAC: 20 VAC max.
100 to 110 VDC: 10 VDC max.
Model
Applicable Socket
Y92H-3
PYF08A, PYF08A-N, PYF08A-E
PYF14A, PYF14A-N, PYF14A-E
Y92H-4
PY08, PY08QN(2), PY08-02
PY14, PY14QN(2), PY14-02
Item
H3YN-2/-4/-4-Z
H3YN-21/-41/-41-Z
Time ranges
0.1 s to 10 min (1 s, 10 s, 1 min, or 10 min max.
selectable)
0.1 min to 10 h (1 min, 10 min, 1 h, or 10 h max.
selectable)
Rated supply voltage
24, 100 to 120, 200 to 230 VAC (50/60 Hz)
12, 24, 48, 100 to 110, 125 VDC (see note 1)
Pin type
Plug-in
Operating mode
ON-delay, interval, flicker OFF start, or flicker ON start (selectable with DIP switch)
Operating voltage range
85% to 110% of rated supply voltage (12 VDC: 90% to 110% of rated supply voltage)
(see note 2)
Reset voltage
10% min. of rated supply voltage (see note 3)
Power consumption
100 to 120 VAC: Relay ON: approx. 1.8 VA (1.6 W) at 120 VAC, 60 Hz
Relay OFF: approx. 1 VA (0.6 W) at 120 VAC, 60 Hz
200 to 230 VAC: Relay ON: approx. 2.2 VA (1.8 W) at 230 VAC, 60 Hz
Relay OFF: approx. 1.5 VA (1.1 W) at 230 VAC, 60 Hz
24 VAC:
Relay ON: approx. 1.8 VA (1.4 W) at 24 VAC, 60 Hz
Relay OFF: approx. 0.3 VA (0.2 W) at 24 VAC, 60 Hz
12 VDC:
Relay ON: approx. 1.1 W at 12 VDC
Relay OFF: approx. 0.1 W at 12 VDC
24 VDC:
Relay ON: approx. 1.1 W at 24 VDC
Relay OFF: approx. 0.1 W at 24 VDC
48 VDC:
Relay ON: approx. 1.2 W at 48 VDC
Relay OFF: approx. 0.3 W at 48 VDC
100 to 110 VDC: Relay ON: approx. 1.6 W at 110 VDC
Relay OFF: approx. 0.4 W at 110 VDC
125 VDC:
Relay ON: approx. 1.6 W at 125 VDC
Relay OFF: approx. 0.4 W at 125 VDC
Control outputs
DPDT: 5 A at 250 VAC, resistive load (cos
φ = 1)
4PDT: 3 A at 250 VAC, resistive load (cos
φ = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com