Electronic Components Datasheet Search
  English  ▼

X  

H3YN-21 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H3YN-21
Description  Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3YN-21 Datasheet(HTML) 3 Page - Omron Electronics LLC

  H3YN-21 Datasheet HTML 1Page - Omron Electronics LLC H3YN-21 Datasheet HTML 2Page - Omron Electronics LLC H3YN-21 Datasheet HTML 3Page - Omron Electronics LLC H3YN-21 Datasheet HTML 4Page - Omron Electronics LLC H3YN-21 Datasheet HTML 5Page - Omron Electronics LLC H3YN-21 Datasheet HTML 6Page - Omron Electronics LLC H3YN-21 Datasheet HTML 7Page - Omron Electronics LLC H3YN-21 Datasheet HTML 8Page - Omron Electronics LLC H3YN-21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Solid-state Timer
H3YN
B-89
I Characteristics
Note: 1. Terminal screw sections are excluded.
2. Refer to the Life-test Curve.
Item
H3YN-2/-21/-4/-41
Accuracy of operating time
±1% FS max. (1 s range: ±1%±10 ms max.)
Setting error
±10%±50 ms FS max.
Reset time
Min. power-opening time: 0.1 s max. (including halfway reset)
Influence of voltage
±2% FS max.
Influence of temperature
±2% FS max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min (between current-carrying terminals and exposed non-current-carrying
metal parts) (see note 1)
2,000 VAC, 50/60 Hz for 1 min (between operating power circuit and control output)
2,000 VAC, 50/60 Hz for 1 min (between different pole contacts; 2-pole model)
1,500 VAC, 50/60 Hz for 1 min (between different pole contacts; 4-pole model)
1,000 VAC, 50/60 Hz for 1 min (between non-continuous contacts)
Vibration resistance
Destruction: 10 to 55 Hz, 0.75-mm single amplitude for 1 h each in 3 directions
Malfunction: 10 to 55 Hz, 0.5-mm single amplitude for 10 min each in 3 directions
Shock resistance
Destruction: 1,000 m/s2
Malfunction: 100 m/s2
Ambient temperature
Operating:
−10°C to 50°C (with no icing)
Storage:
−25°C to 65°C (with no icing)
Ambient humidity
Operating:
35% to 85%
Life expectancy
Mechanical: 10,000,000 operations min. (under no load at 1,800 operations/h)
Electrical:
DPDT:
500,000 operations min. (5 A at 250 VAC, resistive load at 1,800 operations/h)
4PDT:
200,000 operations min. (H3YN-4-Z/-41-Z: 100,000 operations min.)
(3 A at 250 VAC, resistive load at 1,800 operations/h) (see note 2)
Impulse withstand voltage
Between power terminals:
3 kV for 100 to 120 VAC, 200 to 230 VAC, 100 to 110 VDC, 125 VDC
1 kV for 12 VDC, 24 VDC, 48 VDC, 24 VAC
Between exposed non-current-carrying metal parts:
4.5 kV for 100 to 120 VAC, 200 to 230 VAC, 100 to 110 VDC, 125 VDC
1.5 kV for 12 VDC, 24 VDC, 48 VDC, 24 VAC
Noise immunity
±1.5 kV, square-wave noise by noise simulator (pulse width: 100 ns/1 µs, 1-ns rise)
Static immunity
Destruction: 8 kV
Malfunction: 4 kV
Degree of protection
IP40
Weight
Approx. 50 g
EMC
(EMI)
EN61812-1
Emission Enclosure:
EN55011 Group 1 class A
Emission AC Mains:
EN55011 Group 1 class A
(EMS)
EN61812-1
Immunity ESD:
EN61000-4-2: 8 kV air discharge (level 3)
Immunity RF-interference from AM Radio Waves:
EN61000-4-3: 10 V/m (80 MHz to 1 GHz) (level 3)
Immunity Burst:
EN61000-4-4: 2 kV power-line (level 3)
2 kV I/O signal-line (level 4)
Immunity Surge:
EN61000-4-5: 2 kV line to ground (level 3)
1 kV line to line (level 3)
Approved standards
UL508, CSA C22.2 No. 14, Lloyds
Conforms to EN61812-1 and IEC60664-1. (2.5 kV/2 for H3YN-2/-21, 2.5 kV/1 for H3YN-4/-41, H3YN-
4-Z/-41-Z)
Output category according to EN60947-5-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com