Electronic Components Datasheet Search
  English  ▼

X  

B29151/2/3J Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B29151/2/3J
Description  1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B29151/2/3J Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B29151/2/3J Datasheet HTML 1Page - List of Unclassifed Manufacturers B29151/2/3J Datasheet HTML 2Page - List of Unclassifed Manufacturers B29151/2/3J Datasheet HTML 3Page - List of Unclassifed Manufacturers B29151/2/3J Datasheet HTML 4Page - List of Unclassifed Manufacturers B29151/2/3J Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
TO-220-5 Package
Top View
BAY
B29151/52/53
12 3 4 5
OUTPUT
GND
FLAG
1)
3)
4)
5)
2) INPUT
ENABLE
OUTPUT
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
OUTPUT
GND
ADJUST
1)
3)
4)
5)
2) INPUT
FLAG
B29151
B29152
B29153
1.5A High Current Low Dropout
B29150
Voltage Regulator Adjustable & Fix Output
Preliminary Information
Pin Connection
Ordering Information
Devices
Package
Temp.
B29150T
TO-220-3
-40
°C to 125 °C
B29151/2/3T
TO-220-5
-40
°C to 125 °C
B29150S
TO-263-3
-40
°C to 125 °C
B29151/2/3S
TO-263-5
-40
°C to 125 °C
B29150J
LPDD-3
-40
°C to 125 °C
B29151/2/3J
LPDD-5
-40
°C to 125 °C
Description
The Bay Linear B29150 is a 1.5A high accuracy, low dropout
voltage regulator with only 350mV(Typ.)@ 1.5A). The B29150 is
designed for low voltage a application that requires lower dropout
voltage and faster transient response. This device is an excellent
choice for use in powering low voltage microprocessor that require
a lower dropout, faster transient response to regulate from +2.5V to
3.8V supplies and as a post regulator for switching supplies
applications.
The B29150 offers full protection against over-current faults,
reversed input polarity, reversed load insertion, and positive and
negative transient voltage. On-Chip trimming adjusts the reference
voltage to 1%. Features such as Enable pin, Error Flag pin are also
included in the 5 pin packages
. The B29150 is offer in a new LPDD
(Low Profile TO-263) package from 4.47 mm (DD) tickness down
to only 1.27 mm (LPDD) total tickness.
The B29150 are offered in a 3 & 5-pin TO-220 & TO-263 package
compatible with other 3 terminal regulators. For a 3A low dropout
regulator refer to the B39300 data sheet.
Features
•
Adjustable & Fix Output
•
1% output accuracy @2.5V, 3.3V, @ 5.0V
•
Output Current of 1.5A
•
Low Dropout Voltage of 350mV @ 1.5A
•
Extremely Tight Load & Line Regulation
•
Reverse-battery and “Load Dump” Protection
•
Zero Current Shutdown Mode (5-pin version)
•
Error Flag Signal Output-of-Regulation (5-pin
version)
•
Offer in TO-263, TO-220, & New Slim LPDD
• Similar to industry Standard MIC29150
Applications
•
Powering VGA & Sound Card
•
LCD Monitor
•
USB Power Supply
•
SMPS Post Regulator
•
High Efficiency ”Green” Computer System
•
Adjustable Power Supply
Bay Linear
Bay Linear
Bay Linear
Bay Linear
Inspire the Linear Power
Inspire the Linear Power
Inspire the Linear Power
Inspire the Linear Power
TO-263-3 Package
V
OUT
GND
V
IN
BAY
B29150
Front View
12
3
OUTPUT
TO-263-5 Package
Top View
45
BAY
B29151/52/53
3
2
1
GND
FLAG
1)
3)
4)
5)
2) INPUT
ENABLE
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
GND
ADJUST
1)
3)
4)
5)
2) INPUT
FLAG
OUTPUT
OUTPUT
B29151
B29152
B29153
Front View
TO-220-3 Package
BAY
B29150
V
IN
V
OUT
GND


Similar Part No. - B29151/2/3J

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B2911A KEYSIGHT-B2911A Datasheet
5Mb / 24P
B2900A Series Precision Source/Measure Unit
B2912A KEYSIGHT-B2912A Datasheet
5Mb / 24P
B2900A Series Precision Source/Measure Unit
logo
DB Lectro Inc
B2912BA1 DBLECTRO-B2912BA1 Datasheet
206Kb / 1P
FEMALE HEADER PROFILE : 3.3mm SIDE-ENTRY TYPE(SINGLE ROW)
B2912BB1 DBLECTRO-B2912BB1 Datasheet
206Kb / 1P
FEMALE HEADER PROFILE : 3.3mm SIDE-ENTRY TYPE(SINGLE ROW)
B2912BC1 DBLECTRO-B2912BC1 Datasheet
206Kb / 1P
FEMALE HEADER PROFILE : 3.3mm SIDE-ENTRY TYPE(SINGLE ROW)
More results

Similar Description - B29151/2/3J

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Sipex Corporation
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Sipex Corporation
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
ON Semiconductor
MC33269 ONSEMI-MC33269_14 Datasheet
151Kb / 12P
Adjustable Output Low Dropout Voltage Regulator
August, 2014 ??Rev. 28
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com