Electronic Components Datasheet Search
  English  ▼

X  

B29151/2/3J Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B29151/2/3J
Description  1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B29151/2/3J Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B29151/2/3J Datasheet HTML 1Page - List of Unclassifed Manufacturers B29151/2/3J Datasheet HTML 2Page - List of Unclassifed Manufacturers B29151/2/3J Datasheet HTML 3Page - List of Unclassifed Manufacturers B29151/2/3J Datasheet HTML 4Page - List of Unclassifed Manufacturers B29151/2/3J Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
B29150
APPLICATION HINTS
The Bay Linear B29150/51/52/53 incorporates protection against
over-current
faults,
reversed
load
insertion,
over
temperature
operation, and positive and negative transient voltage. However, the
use of an output capacitor is required in order to insure the stability
and the performances.
Thermal Consideration
Although the B29150/51/52/53 offers limiting circuitry for overload
conditions, it is necessary not to exceed the maximum junction
temperature, and therefore to be careful about thermal resistance. The
heat flow will follow the lowest resistance path, which is the Junction-
to-case thermal resistance. In order to insure the best thermal flow of
the component, a proper mounting is required. Note that the case of
the device is electrically connected to the output. The
case has to be electrically isolated, a thermally conductive spacer can
be used. However do not forget to consider its contribution to thermal
resistance.
Assuming:
VIN = 10V, VOUT = 5V, IOUT = 1.5A, TA = 90°C, θCASE= 1°C/W (no
external heat sink, no wind)
Power dissipation under these conditions
PD = (VIN – VOUT) * IOUT = 7.5W
Junction Temperature
TJ = TA + PD * (θCASE+ θJC)
For the Control Section
TJ = 90°C + 7.5W*(1°C/W + 0.6°C/W) = 102°C
114
°C < T
JUNCTION MAX for the control section.
For the Power Section
TJ = 90°C + 7.5W*(1°C/W + 1.6°C/W) = 104.5°C
109.5
°C < T
JUNCTION MAX for the power transistor.
In both case reliable operation is insured by adequate junction
temperature.
Capacitor Requirements
The output capacitor is needed for stability and to minimize the output
noise.
The required value of the capacitor varies with the load.
However, a minimum value of 10
µF Aluminum will guarantee
stability over load. A tantalum capacitor is recommended for a fast
load transient response.
If the power source has high AC impedance, a 0.1
µF capacitor
between input & ground is recommended. This capacitor should have
good characteristics up to 250 kHz.
Minimum Load Current
To ensure a proper behavior of the regulator at light load, a
minimum load of 5mA for B29150/51/52/53 is required.
Adjustable Regulator Design
B29152/53 are adjustable regulators and maybe programmed for
any value between 1.25V and 16V using two resistors. The relation
between the resistors is given by:
R1=R2 (VOUT/1.240 –1)
Resistors have a large value up to 1m
Ω in order to reduce the
current consumption.
This might be interesting in the case of
widely varying load currents.
Error Flag
B29152/53 features an error indicating either an over current fault
or a low input voltage. This flag pulls low when such a problem
occurs and may sink 10mA.
It is inoperative during thermal
shutdown.
Enable Input
B29152/53 features enable input allowing turning ON & OFF the
device. EN has been designed to be compatible with TTL/CMOS
logic. When the regulator is ON, the current flowing through this
pin is approximately 20
µA.
BAY
B29150
Fig.1 Basic Fixed Output Regulator
V OU
T
V
IN
4
5
3
2
1
BAY
B29152
V
OUT
V
IN
R
1
R
2
Fig. 2 Adjustable Output Voltage Regulator
V
OUT = VREF X [1 + (R1/
R
2)]
For best results, the total series resistance should be small
enough to pass the minimum regulator load current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com