Electronic Components Datasheet Search
  English  ▼

X  

SLC Datasheet(PDF) 7 Page - ITT Industries

Part # SLC
Description  Snap/Clip-Lock Environmentally Sealed - Circular
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC Datasheet(HTML) 7 Page - ITT Industries

Back Button SLC Datasheet HTML 3Page - ITT Industries SLC Datasheet HTML 4Page - ITT Industries SLC Datasheet HTML 5Page - ITT Industries SLC Datasheet HTML 6Page - ITT Industries SLC Datasheet HTML 7Page - ITT Industries SLC Datasheet HTML 8Page - ITT Industries SLC Datasheet HTML 9Page - ITT Industries SLC Datasheet HTML 10Page - ITT Industries SLC Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
10
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Front-Face View
5 Position
Side View
Front-Face View
10 Position
Snap-thru Receptacle* (Mates with SLC Type P)
Housing Size
Rating
Part Number
Description
ØA
ØB
ØC
ØD
5
5 A
098533-0000
SLC-5T5-00
37,21 (1.465)
24,13 (.950)
25,60 (1.008)
15,62 (.615)
5
13 A
098533-0001
SLC-5T13-00
36,96 (1.455)
23,75 (.935)
25,48 (1.003)
15,34 (.605)
10
5 A
098533-0002
SLC-10T5-00
47,62 (1.875)
31,24 (1.230)
35,05 (1.380)
20,19 (.795)
10
13 A
098533-0003
SLC-10T13-00
47,37 (1.865)
30,86 (1.215)
34,92 (1.375)
19,94 (.785)
*Contact lead assemblies are customer terminated and installed. See page 14, part numbers 110238-0446, 110238-2004.
Panel Section View
Panel Rear
Face View
Snap/Clip-Lock Environmentally Sealed - Circular
Receptacle, Snap-thru* (Type T) SLC-5, SLC-10
Cannon SLC/SLC-T/CLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com