Electronic Components Datasheet Search
  English  ▼

X  

SLC Datasheet(PDF) 11 Page - ITT Industries

Part # SLC
Description  Snap/Clip-Lock Environmentally Sealed - Circular
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC Datasheet(HTML) 11 Page - ITT Industries

Back Button SLC Datasheet HTML 7Page - ITT Industries SLC Datasheet HTML 8Page - ITT Industries SLC Datasheet HTML 9Page - ITT Industries SLC Datasheet HTML 10Page - ITT Industries SLC Datasheet HTML 11Page - ITT Industries SLC Datasheet HTML 12Page - ITT Industries SLC Datasheet HTML 13Page - ITT Industries SLC Datasheet HTML 14Page - ITT Industries SLC Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
14
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Socket (use in plugs)
Hooded Socket
Pin (use in receptacles)
Hooded Socket
Reeled
Description
Socket Part Number
Pin Part Number
Socket Part Number
Number of Contacts
5 A
110238-1016 (030-2480-007)
110238-0446 (030-2464-007)
110238-0488 (030-2480-000)
4,500
13 A
110238-2004 (030-2464-003)
110238-2003 (030-2480-003)
4,000
Sealing Plugs
Connector Clip
Material: Thermoplastic, Color: Natural
Part Number: 225-0093-000
+125°C Rating
Material: Thermoplastic, Color: Natural
Part Number: 225-0093-000
+125°C Rating
Mounting Hardware for use on In-line Receptacle
(Cable-to-Cable) (Type R)
Fits Ø6,35 (.250) hole x 0,51 (.020) thick panel.
Snap/Clip-Lock Environmentally Sealed - Circular
Contacts, Stamped, 5 and 13 Amp
Cannon SLC/SLC-T/CLC
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com