Electronic Components Datasheet Search
  English  ▼

X  

HMC2003 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HMC2003
Description  THREE-AXIS MAGNETIC SENSOR HYBRID
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMC2003 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HMC2003 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HMC2003 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HMC2003 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HMC2003 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HMC2003
SENSOR PRODUCTS
Solid State Electronics Center • www.magneticsensors.com • (800) 323-8295 • Page 1
THREE-AXIS MAGNETIC SENSOR HYBRID
Features
•
20-pin Wide DIP Footprint (1” by 0.75”)
•
Precision 3-axis Capability
•
Factory Calibrated Analog Outputs
•
40 micro-gauss to
±2 gauss Dynamic Range
•
Analog Output at 1 Volt/gauss (2.5V @ 0 gauss)
•
Onboard +2.5 Volt Reference
•
+6 to +15 Volt DC Single Supply Operation
•
Very Low Magnetic Material Content
•
-40° to 85°C Operating Temperature Range
General Description
The Honeywell HMC2003 is a high sensitivity, three-
axis magnetic sensor hybrid assembly used to measure
low magnetic field strengths. Honeywell’s most
sensitive magneto-resistive sensors (HMC1001 and
HMC1002) are utilized to provide the reliability and
precision of this magnetometer design. The HMC2003
interface is all analog with critical nodes brought out to
the pin interfaces for maximum user flexibility. The
internal excitation current source and selected gain and
offset resistors, reduces temperature errors plus gain
and
offset
drift.
Three
precision
low-noise
instrumentation amplifiers with 1kHz low pass filters
provide
accurate
measurements
while
rejecting
unwanted noise.
• Precision Compassing
• Navigation Systems
• Attitude Reference
• Traffic Detection
• Proximity Detection
• Medical Devices
APPLICATIONS
BLOCK DIAGRAM


Similar Part No. - HMC2003

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HMC2010 SEI-HMC2010 Datasheet
274Kb / 5P
High Value Thick Film Chip Resistor
1/11/2022
HMC2010FT100M SEI-HMC2010FT100M Datasheet
274Kb / 5P
High Value Thick Film Chip Resistor
1/11/2022
HMC2010FT1G20 SEI-HMC2010FT1G20 Datasheet
274Kb / 5P
High Value Thick Film Chip Resistor
1/11/2022
HMC2010FT30M0 SEI-HMC2010FT30M0 Datasheet
274Kb / 5P
High Value Thick Film Chip Resistor
1/11/2022
HMC2010JT100M SEI-HMC2010JT100M Datasheet
274Kb / 5P
High Value Thick Film Chip Resistor
1/11/2022
More results

Similar Description - HMC2003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
1-Axis Magnetic Sensor
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
2-AXIS MAGNETIC SENSOR
logo
Honeywell Solid State E...
HMC1043 HONEYWELL-HMC1043 Datasheet
127Kb / 6P
3-Axis Magnetic Sensor
HMC1023 HONEYWELL-HMC1023 Datasheet
465Kb / 7P
3-AXIS MAGNETIC SENSOR
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
2-Axis Magnetic Sensor
HMC1043-TR HONEYWELL-HMC1043-TR Datasheet
353Kb / 6P
3-Axis Magnetic Sensor
logo
Honeywell Accelerometer...
HMC1042L-TR HONEYWELL-ACC-HMC1042L-TR Datasheet
414Kb / 6P
2-Axis Magnetic Sensor
HMC1043-DEMO HONEYWELL-ACC-HMC1043-DEMO Datasheet
356Kb / 6P
Three-Axis Magnetic Sensor
logo
Willow Technologies Ltd
CRM500-510 WILLOW-CRM500-510 Datasheet
621Kb / 2P
3-Axis Magnetic Field Sensor
logo
Honeywell Solid State E...
HMC1041Z HONEYWELL-HMC1041Z Datasheet
284Kb / 6P
One-Axis Magnetic Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com