Electronic Components Datasheet Search
  English  ▼

X  

HMC2003 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HMC2003
Description  THREE-AXIS MAGNETIC SENSOR HYBRID
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMC2003 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HMC2003 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HMC2003 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HMC2003 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HMC2003 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HMC2003
SENSOR PRODUCTS
Solid State Electronics Center • www.magneticsensors.com • (800) 323-8295 • Page 2
SPECIFICATIONS
Characteristics
Conditions
(1)
Min
Typ
Max
Units
(2)
Magnetic Field
Sensitivity
0.98
1
1.02
V/gauss
Null Field Output
2.3
2.5
2.7
V
Resolution
40
µgauss
Field Range
Maximum Magnetic Flux Density
-2
2
gauss
Output Voltage
Each Magnetometer Axis Output
0.5
4.5
Bandwidth
1
kHz
Errors
Linearity Error
±1 gauss Applied Field Sweep
±2 gauss Applied Field Sweep
0.5
1
2
2
%FS
Hysteresis Error
3 Sweeps across
±2 gauss
0.05
0.1
%FS
Repeatability Error
3 Sweeps across
±2 gauss
0.05
0.1
%FS
Power Supply Effect
PS Varied from 6 to 15V
With
±1 gauss Applied Field Sweep
0.1
%FS
Offset Strap
Resistance
10.5
ohms
Sensitivity
46.5
47.5
48.5
mA/gauss
Current
200
mA
Set/Reset Strap
Resistance
4.5
6
ohms
Current
2msec pulse, 1% duty cycle
3.0
3.2
5
amps
Tempcos
Field Sensitivity
-600
ppm/°C
Null Field
Set/Reset Not Used
Set/Reset Used
±400
±100
ppm/°C
Environments
Temperature
Operating
Storage
-40
-55
-
-
+85
+125
°C
°C
Shock
100
g
Vibration
2.2
g rms
Electrical
Supply Voltage
(3)
6
15
VDC
Supply Current
20
mA
(1) Unless otherwise stated, test conditions are as follows: Power Supply = 12VDC, Ambient Temp = 25°C,
Set/Reset switching is active
(2) Units: 1 gauss = 1 Oersted (in air) = 79.58 A/m = 10E5 gamma
(3) Transient protection circuitry should be added across V+ and Gnd if an unregulated power supply is used.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com