Electronic Components Datasheet Search
  English  ▼

X  

ADT6501 Datasheet(PDF) 16 Page - Analog Devices

Part # ADT6501
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6501 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADT6501 Datasheet HTML 8Page - Analog Devices ADT6501 Datasheet HTML 9Page - Analog Devices ADT6501 Datasheet HTML 10Page - Analog Devices ADT6501 Datasheet HTML 11Page - Analog Devices ADT6501 Datasheet HTML 12Page - Analog Devices ADT6501 Datasheet HTML 13Page - Analog Devices ADT6501 Datasheet HTML 14Page - Analog Devices ADT6501 Datasheet HTML 15Page - Analog Devices ADT6501 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADT6501/ADT6502/ADT6503/ADT6504
Preliminary Technical Data
Rev. PrA | Page 16 of 16
NOTES
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06096-0-
10/06(PrA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com