Electronic Components Datasheet Search
  English  ▼

X  

ADT6501 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT6501
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6501 Datasheet(HTML) 3 Page - Analog Devices

  ADT6501 Datasheet HTML 1Page - Analog Devices ADT6501 Datasheet HTML 2Page - Analog Devices ADT6501 Datasheet HTML 3Page - Analog Devices ADT6501 Datasheet HTML 4Page - Analog Devices ADT6501 Datasheet HTML 5Page - Analog Devices ADT6501 Datasheet HTML 6Page - Analog Devices ADT6501 Datasheet HTML 7Page - Analog Devices ADT6501 Datasheet HTML 8Page - Analog Devices ADT6501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
ADT6501/ADT6502/ADT6503/ADT6504
Rev. PrA | Page 3 of 16
SPECIFICATIONS
TA = TMIN to TMAX, VDD = 2.7 V to 5.5 V. All specifications for −45°C to +115°C, unless otherwise noted. Open-drain RPULL-UP = 100 kΩ.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Threshold Accuracy at VCC = 2.7 V to 5.5 V
±0.5
±6
°C
TA = −45°C to −25°C
±0.5
±4
°C
TA = −15°C to +15°C
±0.5
±4
°C
TA = +35°C to +65°C
±0.5
±6
°C
TA = +75°C to +115°C
ADC Resolution
12
Bits
Temperature Conversion Time
30
ms
Time necessary to complete a conversion
Update Rate
600
ms
Conversion started every 600 ms
Long Term Drift
0.08
°C
Drift over 10 years, if part is operated at +55°C
Temperature Hysteresis
+0.03
°C
Temperature cycle = 25°C to 125°C to 25°C
Temperature Threshold Hysteresis
2
°C
10
°C
DIGITAL INPUT (HYST)
Input Low Voltage, VIL
0.2 × VCC
V
Input High Voltage, VIH
0.8 × VCC
V
DIGITAL OUTPUT (OPEN-DRAIN)
Output High Current, IOH
10
nA
Leakage current, Vcc = 2.7 V and VOH = 5.5 V
Output Low Voltage, VOL
0.3
V
IOL = 1.2 mA, Vcc = 2.7 V
Output Low Voltage, VOL
0.4
V
IOL = 3.2 mA, Vcc = 4.5 V
Output Capacitance, COUT1
10
pF
DIGITAL OUTPUT (Push-Pull)
Output Low Voltage, VOL
0.3
V
IOL = 1.2 mA, Vcc = 2.7 V
Output Low Voltage, VOL
0.4
V
IOL = 3.2 mA, Vcc = 4.5 V
Output High Voltage, VOH
0.8 × VCC
V
ISOURCE = 500
μA, V
CC
= 2.7 V
Output High Voltage, VOH
VCC – 1.5
V
ISOURCE = 800
μA, V
CC
= 4.5 V
Output Capacitance, COUT11
10
pF
POWER REQUIREMENTS
Supply Voltage
2.7
5.5
V
Supply Current
30
85
μA
1 Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com