Electronic Components Datasheet Search
  English  ▼

X  

ADT6503 Datasheet(PDF) 4 Page - Analog Devices

Part # ADT6503
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6503 Datasheet(HTML) 4 Page - Analog Devices

  ADT6503 Datasheet HTML 1Page - Analog Devices ADT6503 Datasheet HTML 2Page - Analog Devices ADT6503 Datasheet HTML 3Page - Analog Devices ADT6503 Datasheet HTML 4Page - Analog Devices ADT6503 Datasheet HTML 5Page - Analog Devices ADT6503 Datasheet HTML 6Page - Analog Devices ADT6503 Datasheet HTML 7Page - Analog Devices ADT6503 Datasheet HTML 8Page - Analog Devices ADT6503 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADT6501/ADT6502/ADT6503/ADT6504
Preliminary Technical Data
Rev. PrA | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC to GND
–0.3 V to +7 V
HYST Input Voltage to GND
–0.3 V to VCC + 0.3 V
Open Drain Output Voltage to GND
–0.3 V to +7 V
Push-Pull Output Voltage to GND
–0.3 V to VDD + 0.3 V
Input Current on All Pins
20 mA
Output Current on All Pins
20 mA
Operating Temperature Range
–55°C to +125°C
Storage Temperature Range
–65°C to +160°C
Maximum Junction Temperature, TJMAX
150.7°C
5-Lead SOT-23 (RJ-5)
Power Dissipation2
WMAX = (TJMAX − TA3)/θJA
Thermal Impedance4
θJA, Junction-to-Ambient (still air)
240°C/W
IR Reflow Soldering (Pb-Free Package)
Peak Temperature
260°C (+0°C)
Time at Peak Temperature
20 sec to 40 sec
Ramp-Up Rate
3°C/sec maximum
Ramp-Down Rate
–6°C/sec maximum
Time 25°C to Peak Temperature
8 minutes maximum
1 Values relate to package being used on a standard 2-layer PCB. This gives a
worst case θJA. Refer to Figure 2 for a plot of maximum power dissipation vs.
ambient temperature (TA).
2 TA = ambient temperature.
3 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, for example, components mounted on a heat
sink. Junction-to-ambient resistance is more useful for air-cooled, PCB-
mounted components
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
0.9
0
125
TEMPERATURE (°C)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–55
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
SOT-23 PD @ 125°C = 0.107W
Figure 2. SOT-23 Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com