Electronic Components Datasheet Search
  English  ▼

X  

ADT6503 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT6503
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6503 Datasheet(HTML) 1 Page - Analog Devices

  ADT6503 Datasheet HTML 1Page - Analog Devices ADT6503 Datasheet HTML 2Page - Analog Devices ADT6503 Datasheet HTML 3Page - Analog Devices ADT6503 Datasheet HTML 4Page - Analog Devices ADT6503 Datasheet HTML 5Page - Analog Devices ADT6503 Datasheet HTML 6Page - Analog Devices ADT6503 Datasheet HTML 7Page - Analog Devices ADT6503 Datasheet HTML 8Page - Analog Devices ADT6503 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Cost, 2.7 V to 5.5 V, Micropower
Temperature Switches in SOT-23
Preliminary Technical Data
ADT6501/ADT6502/ADT6503/ADT6504
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
±0.5°C (typ) accuracy over temperature range
Factory set trip points from −45°C to +15°C in 10°C
increments
Factory set trip points from +35°C to +115°C in 10°C
increments
No external components required
Max temperature of +125°C
Open-drain output (ADT6501/ADT6503)
Push-pull output (ADT6502/ADT6504)
Pin selectable hysteresis of 2°C and 10°C
Supply current of 30
μA (typ)
Space saving 5-lead SOT23 package
APPLICATIONS
Medical equipment
Automotive
Cell phone
Hard disk drives
Personal computers
Electronic test equipment
Domestic appliances
Process control
FUNCTIONAL BLOCK DIAGRAM
CLK AND
TIMING
GENERATION
4
3
LPF
Σ-Δ
DIGITAL
COMPARATOR
TOVER
VCC
1
GND
HYST
TEMPERATURE
SENSOR
1-BIT
12-BIT
DECIMATOR
1-BIT
DAC
REFERENCE
+
–
5
FACTORY PRESET
TRIP POINT
REGISTER
2
GND
2°C/10°C
Figure 1.
GENERAL DESCRIPTION
The ADT6501/ADT6502/ADT6503/ADT6504 are trip point
temperature switches available in a 5-lead SOT23 package. It
contains an internal band gap temperature sensor for local
temperature sensing. When the temperature crosses the trip
point setting, the logic output is activated. The ADT6501/
ADT6503 logic output is active low and open-drain. The
ADT6502/ADT6504 logic output is active high and push-pull.
The temperature is digitized to a resolution of +0.0625°C
(12 bit). The factory settings are 10°C apart starting from −45°C
to +15°C for the cold threshold models and from +35°C to
+115°C for the hot threshold models.
These devices require no external components and typically
consume 30μA supply current. Hysteresis is pin selectable at
2°C and 10°C. The temperature switch is specified to operate
over the supply range of 2.7 V to 5.5 V.
ADT6501 and ADT6502 are used for monitoring temperatures
from +35°C to +115°C only. Hence, the logic output pin
becomes active when the temperature goes higher than the
selected trip point temperature. The ADT6503 and ADT6504
are used for monitoring temperatures from −45°C to +15°C
only. Hence, the logic output pin becomes active when the
temperature goes lower than the selected trip point
temperature.
PRODUCT HIGHLIGHTS
1.
±0.5°C typical from −55°C to +125°C.
2.
Factory threshold settings from −45°C to +115°C in 10°C
increments
3.
Supply voltage is 2.7 V to 5.5 V.
4.
Supply current of 30 μA.
5.
Space-saving 5-lead SOT23 package.
6.
Pin selectable temperature hysteresis of 2°C or 10°C.
7.
Temperature resolution of 0.0625°C.


Similar Part No. - ADT6503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6503 AD-ADT6503 Datasheet
295Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6503 AD-ADT6503 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6503SRJZN005RL7 AD-ADT6503SRJZN005RL7 Datasheet
295Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6503SRJZN005RL7 AD-ADT6503SRJZN005RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6503SRJZN015RL7 AD-ADT6503SRJZN015RL7 Datasheet
295Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results

Similar Description - ADT6503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502SRJZP085RL7 AD-ADT6502SRJZP085RL7 Datasheet
295Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com