Electronic Components Datasheet Search
  English  ▼

X  

ADT6504 Datasheet(PDF) 9 Page - Analog Devices

Part # ADT6504
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6504 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT6504 Datasheet HTML 5Page - Analog Devices ADT6504 Datasheet HTML 6Page - Analog Devices ADT6504 Datasheet HTML 7Page - Analog Devices ADT6504 Datasheet HTML 8Page - Analog Devices ADT6504 Datasheet HTML 9Page - Analog Devices ADT6504 Datasheet HTML 10Page - Analog Devices ADT6504 Datasheet HTML 11Page - Analog Devices ADT6504 Datasheet HTML 12Page - Analog Devices ADT6504 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Technical Data
ADT6501/ADT6502/ADT6503/ADT6504
Rev. PrA | Page 9 of 16
FUNCTIONAL DESCRIPTION
The conversion clock for the part is generated internally. No
external clock is required. The internal clock oscillator runs an
automatic conversion sequence. During this automatic
conversion sequence, a conversion is initiated every 600 ms. At
this time, the part powers up its analog circuitry and performs a
temperature conversion.
This temperature conversion typically takes 30 ms, after which
time the analog circuitry of the part automatically shuts down.
The analog circuitry powers up again 570 ms later, when the
600 ms timer times out and the next conversion begins. The
result of the most recent temperature conversion is compared
with the factory set trip point value. If the temperature
measured is greater than the trip point value, the output is
activated. The output is deactivated once the temperature
crosses back over the trip point threshold plus whatever
temperature hysteresis is selected. Figure 15 to Figure 18 show
the transfer function for the output trip pin of each generic
model.
TTH
TEMP
TOVER
V
2°C
HYST
10°C
HYST
COLD
HOT
Figure 15. ADT6501 TOVER Transfer Function
TTH
TEMP
TOVER
V
2°C
HYST
10°C
HYST
COLD
HOT
Figure 16. ADT6502 TOVER Transfer Function
TTH
TEMP
TUNDER
V
2°C
HYST
10°C
HYST
COLD
HOT
Figure 17. ADT6503 TUNDER Transfer Function
TTH
TEMP
TUNDER
V
2°C
HYST
10°C
HYST
COLD
HOT
Figure 18. ADT6504 TUNDER Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com