Electronic Components Datasheet Search
  English  ▼

X  

ADT6504 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT6504
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6504 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT6504 Datasheet HTML 6Page - Analog Devices ADT6504 Datasheet HTML 7Page - Analog Devices ADT6504 Datasheet HTML 8Page - Analog Devices ADT6504 Datasheet HTML 9Page - Analog Devices ADT6504 Datasheet HTML 10Page - Analog Devices ADT6504 Datasheet HTML 11Page - Analog Devices ADT6504 Datasheet HTML 12Page - Analog Devices ADT6504 Datasheet HTML 13Page - Analog Devices ADT6504 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADT6501/ADT6502/ADT6503/ADT6504
Preliminary Technical Data
Rev. PrA | Page 10 of 16
APPLICATION INFORMATION
THERMAL RESPONSE TIME
The time required for a temperature sensor to settle to a
specified accuracy is a function of the thermal mass of the
sensor and the thermal conductivity between the sensor and the
object being sensed. Thermal mass is often considered
equivalent to capacitance. Thermal conductivity is commonly
specified using the symbol Q, and can be thought of as thermal
resistance. It is commonly specified in units of degrees per watt
of power transferred across the thermal joint. Thus, the time
required for the ADT6501/ADT6502/ADT6503/ADT6504 to
settle to the desired accuracy is dependent on the characteristics
of the SOT-23 package, the thermal contact established in that
particular application, and the equivalent power of the heat
source. In most applications, the settling time is probably best
determined empirically.
SELF-HEATING EFFECTS
The temperature measurement accuracy of the
ADT6501/ADT6502/ADT6503/ADT6504 can be degraded in
some applications due to self-heating. Errors can be introduced
from the quiescent dissipation and power dissipated when
converting. The magnitude of these temperature errors is
dependent on the thermal conductivity of the ADT650x
package, the mounting technique, and the effects of airflow. At
25°C, static dissipation in the ADT650x is typically TBD μW
operating at 3.3 V. In the 5-lead SOT-23 package mounted in
free air, this accounts for a temperature increase due to self-
heating of
ΔT = PDISS × θJA = TBD μW × 240°C/W = TBD°C
It is recommended that current dissipated through the device be
kept to a minimum, because it has a proportional effect on the
temperature error.
SUPPLY DECOUPLING
The ADT6501/ADT6502/ADT6503/ADT6504 should be
decoupled with a 0.1 μF ceramic capacitor between VDD and
GND. This is particularly important when the ADT650x are
mounted remotely from the power supply. Precision analog
products, such as the ADT650x, require a well-filtered power
source. Because the ADT650x operate from a single supply, it
might seem convenient to tap into the digital logic power
supply.
Unfortunately, the logic supply is often a switch-mode design,
which generates noise in the 20 kHz to 1 MHz range. In
addition, fast logic gates can generate glitches hundreds of mV
in amplitude due to wiring resistance and inductance.
If possible, the ADT650x should be powered directly from the
system power supply. This arrangement, shown in Figure 19,
isolates the analog section from the logic switching transients.
Even if a separate power supply trace is not available, generous
supply bypassing reduces supply line induced errors. Local
supply bypassing consisting of a 0.1 μF ceramic capacitor is
advisable for the temperature accuracy specifications to be
achieved. This decoupling capacitor must be placed as close as
possible to the ADT650x VCC pin.
0.1µF
ADT650x
TTL/CMOS
LOGIC
CIRCUITS
POWER
SUPPLY
Figure 19. Use Separate Traces to Reduce Power Supply Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com