Electronic Components Datasheet Search
  English  ▼

X  

BLU99 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # BLU99
Description  UHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button BLU99 Datasheet HTML 9Page - NXP Semiconductors BLU99 Datasheet HTML 10Page - NXP Semiconductors BLU99 Datasheet HTML 11Page - NXP Semiconductors BLU99 Datasheet HTML 12Page - NXP Semiconductors BLU99 Datasheet HTML 13Page - NXP Semiconductors BLU99 Datasheet HTML 14Page - NXP Semiconductors BLU99 Datasheet HTML 15Page - NXP Semiconductors BLU99 Datasheet HTML 16Page - NXP Semiconductors BLU99 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
March 1993
16
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
UNIT
A
D2
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
α
90
°
SOT122D
97-04-18
H
b
H
L
D
b
5.85
5.58
4.17
3.27
0.18
0.14
7.50
7.23
7.24
6.98
cQ
1.58
1.27
H
27.56
25.78
9.91
9.14
L
0
5
10 mm
scale
Q
A
D2
D
c
1
4
3
2
Studless ceramic package; 4 leads
SOT122D
α
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com