Electronic Components Datasheet Search
  English  ▼

X  

BLU99 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLU99
Description  UHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLU99 Datasheet HTML 1Page - NXP Semiconductors BLU99 Datasheet HTML 2Page - NXP Semiconductors BLU99 Datasheet HTML 3Page - NXP Semiconductors BLU99 Datasheet HTML 4Page - NXP Semiconductors BLU99 Datasheet HTML 5Page - NXP Semiconductors BLU99 Datasheet HTML 6Page - NXP Semiconductors BLU99 Datasheet HTML 7Page - NXP Semiconductors BLU99 Datasheet HTML 8Page - NXP Semiconductors BLU99 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
March 1993
2
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
DESCRIPTION
N-P-N silicon planar epitaxial
transistor primarily intended for use in
mobile radio transmitters in the u.h.f.
band. The transistor is also very
suitable for application in the
900 MHz mobile radio band.
FEATURES
• multi-base structure and diffused
emitter-ballasting resistors for an
optimum temperature profile;
• gold metallization ensures
excellent reliability.
The BLU99 has a 4-lead stud
envelope with a ceramic cap
(SOT122A). All leads are isolated
from the stud. The BLU99/SL is a
studless version (SOT122D).
QUICK REFERENCE DATA
R.F. performance at Th =25 °C in a common-emitter class-B circuit.
MODE OF OPERATION
VCE
V
f
MHz
PL
W
Gp
dB
ηC
%
narrow band; c.w.
12,5
470
5
>
10,5
>
60
12,5
900
4
typ.
7,0 typ.
60
PIN CONFIGURATION
Fig.1
Simplified outline.
SOT122A
(BLU99).
age
Top view
MBK187
3
1
2
4
Fig.2
Simplified outline.
SOT122D
(BLU99/SL).
fpage
2
3
1
4
MSB055
PINNING - SOT122A; SOT122D
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com