Electronic Components Datasheet Search
  English  ▼

X  

BLU99/SL Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLU99/SL
Description  UHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99/SL Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLU99/SL Datasheet HTML 8Page - NXP Semiconductors BLU99/SL Datasheet HTML 9Page - NXP Semiconductors BLU99/SL Datasheet HTML 10Page - NXP Semiconductors BLU99/SL Datasheet HTML 11Page - NXP Semiconductors BLU99/SL Datasheet HTML 12Page - NXP Semiconductors BLU99/SL Datasheet HTML 13Page - NXP Semiconductors BLU99/SL Datasheet HTML 14Page - NXP Semiconductors BLU99/SL Datasheet HTML 15Page - NXP Semiconductors BLU99/SL Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
March 1993
12
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
Fig.16 Printed circuit board and component layout for a 900 MHz test circuit.
handbook, full pagewidth
VCC
128.5 mm
80 mm
rivets
E
E
soldered
copperstraps
E
E
C1
C12
C2
C13
C9
C3
L3
C4
C7
C8
L9
R2
C10
C11
R1
L4
L8
C5
C6
BC
BC
MDA383
The circuit and the components are on one side of the P.T.F.E. fibre-glass board; the other side is unetched copper to serve as a
ground plane. Earth connections are made by hollow rivets and also by fixing screws and copper straps around the board and under
the emitters to provide a direct contact between the copper on the component side and the ground plane.
RUGGEDNESS
The device is capable of withstanding a load mismatch
with VSWR = 50 (all phases) up to a supply voltage of
15,5 V at rated load power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com