Electronic Components Datasheet Search
  English  ▼

X  

87421 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 87421
Description  ÷1/÷2 Differential-to-LVDS Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87421 Datasheet(HTML) 4 Page - Renesas Technology Corp

  87421 Datasheet HTML 1Page - Renesas Technology Corp 87421 Datasheet HTML 2Page - Renesas Technology Corp 87421 Datasheet HTML 3Page - Renesas Technology Corp 87421 Datasheet HTML 4Page - Renesas Technology Corp 87421 Datasheet HTML 5Page - Renesas Technology Corp 87421 Datasheet HTML 6Page - Renesas Technology Corp 87421 Datasheet HTML 7Page - Renesas Technology Corp 87421 Datasheet HTML 8Page - Renesas Technology Corp 87421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
87421 Data Sheet
©2016 Integrated Device Technology, Inc
June 24, 2016
4
TABLE 5. AC CHARACTERISTICS, V
DD
= 3.3V±5%, TA = -40°C TO 85°C
TABLE 4D. LVDS DC CHARACTERISTICS, V
DD
= 3.3V±5%, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
CLK
Clock Input Frequency
1
GHz
t
PD
Propagation Delay;
NOTE 1
CLK to Q (Dif)
1.0
1.7
ns
tsk(pp)
Part-to-Part Skew; NOTE 2, 3
500
ps
t
JIT
Additive Phase Noise, RMS;
refer to Additive Phase Jitter Section
155.52MHz, Integration Range:
12kHz – 20MHz
0.17
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80%
150
500
ps
odc
Output Duty Cycle
f
IN
< 500MHz
43
57
%
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at the differential cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
OD
Differential Output Voltage
350
470
540
mV
Δ V
OD
V
OD
Magnitude Change
50
mV
V
OS
Offset Voltage
1.1
1.25
1.4
V
Δ V
OS
V
OS
Magnitude Change
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com