Electronic Components Datasheet Search
  English  ▼

X  

87421 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 87421
Description  ÷1/÷2 Differential-to-LVDS Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87421 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 87421 Datasheet HTML 8Page - Renesas Technology Corp 87421 Datasheet HTML 9Page - Renesas Technology Corp 87421 Datasheet HTML 10Page - Renesas Technology Corp 87421 Datasheet HTML 11Page - Renesas Technology Corp 87421 Datasheet HTML 12Page - Renesas Technology Corp 87421 Datasheet HTML 13Page - Renesas Technology Corp 87421 Datasheet HTML 14Page - Renesas Technology Corp 87421 Datasheet HTML 15Page - Renesas Technology Corp 87421 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
87421 Data Sheet
©2016 Integrated Device Technology, Inc
June 24, 2016
12
PACKAGE OUTLINE - M SUFFIX FOR 8 LEAD SOIC
TABLE 8. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MS-012
SYMBOL
Millimeters
MINIMUN
MAXIMUM
N8
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27 BASIC
H
5.80
6.20
h
0.25
0.50
L
0.40
1.27
α
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com