Electronic Components Datasheet Search
  English  ▼

X  

DML1010FDK Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DML1010FDK
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1010FDK Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button DML1010FDK Datasheet HTML 3Page - Diodes Incorporated DML1010FDK Datasheet HTML 4Page - Diodes Incorporated DML1010FDK Datasheet HTML 5Page - Diodes Incorporated DML1010FDK Datasheet HTML 6Page - Diodes Incorporated DML1010FDK Datasheet HTML 7Page - Diodes Incorporated DML1010FDK Datasheet HTML 8Page - Diodes Incorporated DML1010FDK Datasheet HTML 9Page - Diodes Incorporated DML1010FDK Datasheet HTML 10Page - Diodes Incorporated DML1010FDK Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DML1010FDK
Document number: DS40878 Rev. 3 - 2
8 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML1010FDK
Application Information
General Description
The DML1010FDK is a single-channel, 6A load switch in an 8-pin U-DFN2020-8 (Type K) package. To reduce the voltage drop in high current rails,
the device implements an ultra-low resistance N-channel MOSFET, which can be operated over an input voltage range from 0.8V to 3.5V.
The device has very low leakage current during off state. This prevents downstream circuits from pulling high standby current from the supply.
Integrated control logic, driver, power supply and discharge FET eliminate the requirement for any external components, which reduce solution
size and bill of materials (BOM) count.
Enable Control
The DML1010FDK device allows for enabling the MOSFET in an active-high configuration. When the VBIAS supply pin has an adequate voltage
applied and the ON pin is at logic high level, the MOSFET is enabled. Similarly, when the ON pin is at logic low level, the MOSFET is disabled.
Power Sequencing
The DML1010FDK device functions with fixed power sequence, the performance of output turn-on delay may vary from what is specified. To
achieve the specified performance, there are two recommended power sequences:
1.)
VVBIAS  VIN  VON
2.)
VIN  VVBIAS  VON
Input Capacitor
A cap
acitor of 10μF or higher value is recommended to be placed close to the IN pins of DML1010FDK. This capacitor can reduce the voltage
drop caused by the in-rush current during the turn-on transient of the load switch. A higher value capacitor can be used to further reduce the
voltage drop during high-current application.
Output Capacitor
A capacitor of 0.1μF or higher value is recommended to be placed between the OUT pins and GND. The switching times are affected by the
capacitance. A larger capacitor makes the initial turn-on transient smoother. This capacitor must be large enough to supply a fast transient load in
order to prevent the output from dropping.
VIN and VBIAS Voltage Range
For optimal on-resistance of load switch, make sure VIN ≤ 1.5V + VVBIAS and VVBIAS is within the voltage range from 3.2V to 5.5V. On-resistance of
load switch is higher if VIN + 1.5V > VVBIAS. Resistance curves of a typical sample device at different VVBIAS = VIN at IOUT = -200mA are shown as
below.
IOUT vs. RDS(ON)
IOUT vs. RDS(ON)
IOUT (A)
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com