Electronic Components Datasheet Search
  English  ▼

X  

DML1010FDK Datasheet(PDF) 9 Page - Diodes Incorporated

Part # DML1010FDK
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1010FDK Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button DML1010FDK Datasheet HTML 3Page - Diodes Incorporated DML1010FDK Datasheet HTML 4Page - Diodes Incorporated DML1010FDK Datasheet HTML 5Page - Diodes Incorporated DML1010FDK Datasheet HTML 6Page - Diodes Incorporated DML1010FDK Datasheet HTML 7Page - Diodes Incorporated DML1010FDK Datasheet HTML 8Page - Diodes Incorporated DML1010FDK Datasheet HTML 9Page - Diodes Incorporated DML1010FDK Datasheet HTML 10Page - Diodes Incorporated DML1010FDK Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DML1010FDK
Document number: DS40878 Rev. 3 - 2
9 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML1010FDK
Application Information (continued)
Thermal Considerations
To ensure proper operation, the maximum junction temperature of the DML1010FDK should not exceed +150°C. Several factors attribute to the
junction temperate rise: load current, MOSFET on-resistance, junction-to-ambient thermal resistance, and ambient temperature. The maximum
load current can be determined by:
Where
ILOAD(MAX) is the maximum allowable current on load (A). (6A for DML1010FDK)
TJ(MAX) is the maximum allowable junction temperature.
TC is the case temperature of the device.
θJC = Junction to case thermal impedance. This parameter is highly dependent upon PCB layout.
PCB Layout Consideration
1.
Place the input/output capacitors CIN and COUT as close as possible to the IN and OUT pins.
2.
The power traces which are IN trace, OUT trace, and GND trace should be short, wide, and direct for minimizing parasitic inductance.
3.
Place CVBIAS capacitor near the device pin.
4.
Connect the signal ground to the GND pin, and keep a single connection from GND pin to the power ground behind the input or output
capacitors.
5.
For better power dissipation, via holes are recommended to connect the exposed pad’s landing area to a large copper polygon on the other
side of the printed circuit board. The copper polygons and exposed pad shall connect to IN pin on the printed circuit board.
PGND (Power)
CIN
COUT
CVBIAS
VOUT
VIN
GND (Signal)
2
1
3
4
7
8
6
5
IN
VBIAS
ON
OUT
GND
IN
IN
EPAD
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com