Electronic Components Datasheet Search
  English  ▼

X  

BLV103 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV103
Description  UHF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV103 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV103 Datasheet HTML 1Page - NXP Semiconductors BLV103 Datasheet HTML 2Page - NXP Semiconductors BLV103 Datasheet HTML 3Page - NXP Semiconductors BLV103 Datasheet HTML 4Page - NXP Semiconductors BLV103 Datasheet HTML 5Page - NXP Semiconductors BLV103 Datasheet HTML 6Page - NXP Semiconductors BLV103 Datasheet HTML 7Page - NXP Semiconductors BLV103 Datasheet HTML 8Page - NXP Semiconductors BLV103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
March 1993
2
Philips Semiconductors
Product specification
UHF power transistor
BLV103
FEATURES
• Internal matching for an optimum
wideband capability and high gain
• Emitter-ballasting resistors for
optimum temperature profile
• Gold metallization ensures
excellent reliability.
DESCRIPTION
NPN silicon planar epitaxial transistor
encapsulated in a 6-lead SOT171
flange envelope with a ceramic cap. It
is intended for common emitter,
class-AB operation in cellular radio
base stations in the 960 MHz
frequency band. All leads are isolated
from the mounting base.
PINNING - SOT171
PIN
DESCRIPTION
1
emitter
2
emitter
3
base
4
collector
5
emitter
6
emitter
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common emitter test circuit.
PIN CONFIGURATION
MODE OF OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
c.w. class-AB
960
24
4
> 11.5
> 45
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
handbook, halfpage
e
c
b
MBB012
Fig.1 Simplified outline and symbol.
k, halfpage
MBA931 - 1
1
3
5
2
4
6
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com