Electronic Components Datasheet Search
  English  ▼

X  

FN2090 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN2090
Description  Multi-stage EMI Filter with Excellent Attenuation Performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2090 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN2090 Datasheet HTML 1Page - Schaffner International Ltd FN2090 Datasheet HTML 2Page - Schaffner International Ltd FN2090 Datasheet HTML 3Page - Schaffner International Ltd FN2090 Datasheet HTML 4Page - Schaffner International Ltd FN2090 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 2016
Filter selection table
Filter*
Rated current
Leakage current**
Inductance
Capacitance
Resistance
Input/Output
Weight
@ 40°C (25°C)
@ 230V AC/50 Hz
L
Cx
Cy
Cy1
R
connections
[A]
[mA]
[mH]
[μF]
[nF]
[nF]
[kΩ]
[g]
FN 2090-1-..
1 (1.1)
0.5
20
0.22
2.2
1.0
680
-06
-07
73
FN 2090-3-..
3 (3.4)
0.5
14
0.33
2.2
1.0
470
-06
-07
158
FN 2090-4-..
4 (4.5)
0.5
14
0.33
2.2
1.0
470
-06
-07
176
FN 2090-6-..
6 (6.7)
0.67
8
0.47
3.3
1.0
330
-06
-07
191
FN 2090-8-..
8 (8.9)
0.67
8
0.47
3.3
1.0
330
-06
-07
330
FN 2090-10-..
10 (11.2)
0.67
8
0.47
3.3
1.0
330
-06
-07
369
FN 2090-12-..
12 (13.4)
1.02
4
1
10
1.0
220
-06
-07
391
FN 2090-16-..
16 (17.9)
1.02
4
1
10
1.0
220
-06
-07
425
FN 2090-20-..
20 (22.4)
1.02
2.7
1
10
1.0
220
-06
-08
530
FN 2090-30-08
30 (33.5)
1.02
1.5
1
10
1.0
220
-08
548
FN 2090A-1-..
1 (1.1)
0.08
20
0.22
0.47
0.47
680
-06
-07
73
FN 2090A-3-..
3 (3.4)
0.08
14
0.33
0.47
0.47
470
-06
-07
158
FN 2090A-4-..
4 (4.5)
0.08
14
0.33
0.47
0.47
470
-06
-07
176
FN 2090A-6-..
6 (6.7)
0.08
8
0.47
0.47
0.47
330
-06
-07
191
FN 2090A-8-..
8 (8.9)
0.08
8
0.47
0.47
0.47
330
-06
-07
330
FN 2090A-10-..
10 (11.2)
0.08
8
0.47
0.47
0.47
330
-06
-07
369
FN 2090A-12-..
12 (13.4)
0.08
4
1
0.47
0.47
220
-06
-07
391
FN 2090A-16-..
16 (17.9)
0.08
4
1
0.47
0.47
220
-06
-07
425
FN 2090A-20-..
20 (22.4)
0.08
2.7
1
0.47
0.47
220
-06
-08
530
FN 2090B-1-..
1 (1.1)
0.002
20
0.22
680
-06
-07
73
FN 2090B-3-..
3 (3.4)
0.002
14
0.33
470
-06
-07
158
FN 2090B-4-..
4 (4.5)
0.002
14
0.33
470
-06
-07
176
FN 2090B-6-..
6 (6.7)
0.002
8
0.47
330
-06
-07
191
FN 2090B-8-..
8 (8.9)
0.002
8
0.47
330
-06
-07
330
FN 2090B-10-..
10 (11.2)
0.002
8
0.47
330
-06
-07
369
FN 2090B-12-..
12 (13.4)
0.002
4
1
220
-06
-07
391
FN 2090B-16-..
16 (17.9)
0.002
4
1
220
-06
-07
425
FN 2090B-20-..
20 (22.4)
0.002
2.7
1
220
-06
-08
530
FN 2090B-30-08
30 (33.5)
0.002
1.5
1
220
-08
548
** To compile a complete part number, please replace the -.. with the required I/O connection style.
** For surge pulse protection, please add Z (e.g. FN 2090Z-10-06, FN 2090BZ-20-08).
** Maximum leakage under normal operating conditions. Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
Typical filter attenuation
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym; C=0.1 Ω/100 Ω sym; D=100 Ω/0.1 Ω sym
1 to 4 A types
6 to 10 A types
12 to 20 A types
30 A types



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com