Electronic Components Datasheet Search
  English  ▼

X  

FN2090 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN2090
Description  Multi-stage EMI Filter with Excellent Attenuation Performance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2090 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN2090 Datasheet HTML 1Page - Schaffner International Ltd FN2090 Datasheet HTML 2Page - Schaffner International Ltd FN2090 Datasheet HTML 3Page - Schaffner International Ltd FN2090 Datasheet HTML 4Page - Schaffner International Ltd FN2090 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET
Two-Stage Filters FN 2090
Multi-stage EMI Filter with Excellent Attenuation Performance
Rated currents from 1 to 30 A
Two-stage filter
Very high differential and common-mode
attenuation
Optional medical versions (B type)
Optional safety versions (A type)
Optional overvoltage protection (Z type)
Performance indicators
Technical specifications
Operating voltage
110/250 VAC, 50/60 Hz
Operating frequency
dc to 400 Hz
Rated currents
1 to 30 A @ 40°C max.
High potential test voltage
P –> PE 2000 VAC for 2 sec (standard types)
P –> PE 2500 VAC for 2 sec (B types)
P –> N 1100 VDC for 2 sec
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
Flammability corresponding to
UL 94 V-2 or better
Surge pulse protection (optional)
2 kV, IEC 61000-4-5
MTBF @ 40°C/230 V (Mil-HB-217F)
1,300,000 hours (1 to 10 A types)
1,100,000 hours (12 A types)
517,000 hours (16 and 30 A types)
Temperature range (operation and storage)
-25°C to +100°C (25/100/21)
Approvals
Features and benefits
FN 2090 two-stage filters are designed for easy and
fast chassis mounting.
The FN 2090 filters are also available as B versions
with no Y-capacitors for medical applications as well
as A versions with low capacitance for safety critical
applications with a requirement for low leakage
currents.
All filters provide an exceptional conducted
attenuation performance, based on chokes with
high permeable core material and excellent thermal
behavior.
FN 2090 two-stage filters are designed for noisy
applications requiring excellent filter performance.
The higher inductivity versus amperage offers
increased attenuation performance with the same
form factor compared to FN 2060 and FN 2080 filter
series.
All FN 2090 filters can be delivered with optional
surge pulse protection.
FN 2090 filters are also available as singlestage filters
(FN 2030 series).
Various terminal options allow you to select the
desired connection style.
Typical applications
Electrical and electronic equipment
Consumer goods
Household equipment
Building automation
Industrial applications
Machinery
Medical equipment
Electronic data processing equipment
Office automation and datacom equipment
Various noisy applications requiring high filter
performance
Typical electrical schematic


Similar Part No. - FN2090

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN2090-30-08 SCHAFFNER-FN2090-30-08 Datasheet
1Mb / 7P
Multi-stage AC/DC EMI Filter
FN2090-30-08-V1 SCHAFFNER-FN2090-30-08-V1 Datasheet
460Kb / 5P
Multi-stage EMI Filter with Excellent Attenuation Performance
FN2090KK-1-06 SCHAFFNER-FN2090KK-1-06 Datasheet
1Mb / 7P
Multi-stage AC/DC EMI Filter
FN2090LL-16-06 SCHAFFNER-FN2090LL-16-06 Datasheet
1Mb / 7P
Multi-stage AC/DC EMI Filter
FN2090LL-30-08 SCHAFFNER-FN2090LL-30-08 Datasheet
1Mb / 7P
Multi-stage AC/DC EMI Filter
More results

Similar Description - FN2090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2070-16-07 ETC2-FN2070-16-07 Datasheet
260Kb / 5P
Multi-stage Performance EMI Filter Single-Phase Filters FN 2070
FN2080-1-06 ETC2-FN2080-1-06 Datasheet
558Kb / 5P
Multi-stage High Performance EMI Filter
FN2070-6-06 ETC2-FN2070-6-06 Datasheet
476Kb / 4P
Multi-stage performance EMI fi lter
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
logo
Schaffner International...
FN-352-Z SCHAFFNER-FN-352-Z Datasheet
291Kb / 4P
Multi-stage EMI Filter
FN-2070 SCHAFFNER-FN-2070 Datasheet
1Mb / 7P
Multi-stage Performance AC/DC EMI Filter
FN-2080 SCHAFFNER-FN-2080 Datasheet
1Mb / 6P
Multi-stage High Performance AC/DC EMI Filter
FN-9244 SCHAFFNER-FN-9244 Datasheet
3Mb / 6P
Excellent Performance EMC/EMI Filter
FN-9244-E SCHAFFNER-FN-9244-E Datasheet
1Mb / 7P
Excellent Performance EMC/EMI Filter with Earth Line Choke
FN2090-30-08-V1 SCHAFFNER-FN2090-30-08-V1 Datasheet
460Kb / 5P
Multi-stage EMI Filter with Excellent Attenuation Performance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com