| Electronic Components Datasheet Search |
|
HS4002 Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4002 Datasheet(HTML) 3 Page - Renesas Technology Corp |
|
3 / 27 page ![]() HS400x Datasheet R36DS0022EU0103 Rev.1.03 Jun 6, 2022 Page 3 List of Figures Figure 1. HS4001 RH Accuracy Tolerance at 25°C................................................................................................7 Figure 2. HS4001 RH Accuracy over Temperature ................................................................................................7 Figure 3. HS4002 RH Accuracy Tolerance at 25°C................................................................................................7 Figure 4. HS4002 RH Accuracy over Temperature ................................................................................................7 Figure 5. HS4003 RH Accuracy Tolerance at 25°C................................................................................................7 Figure 6. HS4003 RH Accuracy over Temperature ................................................................................................7 Figure 7. HS4004 RH Accuracy Tolerance at 25°C................................................................................................8 Figure 8. HS4004 RH Accuracy over Temperature ................................................................................................8 Figure 9. HS4001/HS4002 Temperature Sensor Accuracy Tolerance ...................................................................8 Figure 10. HS4003 Temperature Sensor Accuracy Tolerance ...............................................................................8 Figure 11. HS4004 Temperature Sensor Accuracy Tolerance ...............................................................................8 Figure 12. Timing Diagram .....................................................................................................................................9 Figure 13. START and STOP Condition Waveform..............................................................................................10 Figure 14. Typical Hold Measurement Sequence for a Humidity and Temperature Command ............................11 Figure 15. Typical No-Hold Measurement Sequence for a Humidity and Temperature Command ......................12 Figure 16. Sequence to Retrieve the Latest Results in Periodic Measurement Mode ..........................................14 Figure 17. Sequence to Stop Periodic Measurements .........................................................................................14 Figure 18. Alert Pin Function ................................................................................................................................15 Figure 19. Alert Pin Functionality Example...........................................................................................................15 Figure 20. Data Returned from HS400x when the Alert Feature is Enabled in Periodic Measurement Mode ......16 Figure 21. Read Register Command Sequence ...................................................................................................17 Figure 22. Write Register Command Sequence ...................................................................................................17 Figure 23. Read Sensor ID Command Sequence ................................................................................................21 Figure 24. HS400x Application Circuit (Top View)................................................................................................21 Figure 25. Recommended Soldering Profile.........................................................................................................22 Figure 26. Milled PCB Openings for Thermal Isolation.........................................................................................23 List of Tables Table 1. Humidity Sensor Specification, TA = +25°C, VDD = 1.71V to 3.6V.............................................................6 Table 2. Temperature Sensor Specification, TA = +25°C, VDD = 1.71V to 3.6V ......................................................6 Table 3. I2C Timing Parameters .............................................................................................................................9 Table 4. Commands Code and Description..........................................................................................................10 Table 5. Measurement Command Modes ............................................................................................................10 Table 6. Conversion Times...................................................................................................................................13 Table 7. CRC Checksum Properties.....................................................................................................................13 Table 8. Alert Status Bits ......................................................................................................................................16 Table 9. Temperature and Humidity Measurement Resolution Settings...............................................................18 Table 10. Periodic Measurement Settings............................................................................................................18 Table 11. Alert Feature Settings...........................................................................................................................18 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |