Electronic Components Datasheet Search
  English  ▼

X  

HS4002 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # HS4002
Description  High Performance Relative Humidity and Temperature Sensor with Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4002 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button HS4002 Datasheet HTML 19Page - Renesas Technology Corp HS4002 Datasheet HTML 20Page - Renesas Technology Corp HS4002 Datasheet HTML 21Page - Renesas Technology Corp HS4002 Datasheet HTML 22Page - Renesas Technology Corp HS4002 Datasheet HTML 23Page - Renesas Technology Corp HS4002 Datasheet HTML 24Page - Renesas Technology Corp HS4002 Datasheet HTML 25Page - Renesas Technology Corp HS4002 Datasheet HTML 26Page - Renesas Technology Corp HS4002 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
HS400x Datasheet
R36DS0022EU0103 Rev.1.03
Jun 6, 2022
Page 24
10. Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website. The package information is the most current data available and is subject to change without revision of
this document.
11. Ordering Information
Part Number
Package Description
Carrier Type
Temperature Range
HS4001
Digital Relative Humidity and Temperature Sensor.
±1.5%RH (Typical), 2.5 × 2.5 × 0.9mm, 8-LGA
Reel
-40°C to +125°C
HS4002
Digital Relative Humidity and Temperature Sensor.
±1.8%RH (Typical), 2.5 × 2.5 × 0.9mm, 8-LGA
Reel
-40°C to +125°C
HS4003
Digital Relative Humidity and Temperature Sensor.
±2.5%RH (Typical), 2.5 × 2.5 × 0.9mm, 8-LGA
Reel
-40°C to +125°C
HS4004
Digital Relative Humidity and Temperature Sensor.
±3.5%RH (Typical), 2.5 × 2.5 × 0.9mm, 8-LGA
Reel
-40°C to +125°C
12. Revision History
Revision
Date
Description
1.03
Jun 6, 2022
 Added sections 4.6.1 and 4.6.2.
1.02
Apr 26, 2022
 Added AEC-Q100 qualified, -40°C to +105C
 Added Industrial JEDEC qualified, -40°C to +125C
 Completed other minor changes
1.01
Apr 14, 2022
 Added Table 11. Alert Feature Settings.
 Added AEC-Q100 qualified.
1.00
Feb 2, 2022
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com