Electronic Components Datasheet Search
  English  ▼

X  

HS4112 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HS4112
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4112 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HS4112 Datasheet HTML 3Page - Renesas Technology Corp HS4112 Datasheet HTML 4Page - Renesas Technology Corp HS4112 Datasheet HTML 5Page - Renesas Technology Corp HS4112 Datasheet HTML 6Page - Renesas Technology Corp HS4112 Datasheet HTML 7Page - Renesas Technology Corp HS4112 Datasheet HTML 8Page - Renesas Technology Corp HS4112 Datasheet HTML 9Page - Renesas Technology Corp HS4112 Datasheet HTML 10Page - Renesas Technology Corp HS4112 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HS411x Datasheet
R36DS0025EU0102 Rev.1.02
Apr 28, 2022
Page 7
3.3
Humidity Sensor Accuracy Graphs
The typical and maximum relative humidity sensor accuracy tolerances are shown in the following figures.
Figure 1. HS4111 RH Accuracy Tolerance at 25°C
Figure 2. HS4111 RH Accuracy over Temperature
Figure 3. HS4112 RH Accuracy Tolerance at 25°C
Figure 4. HS4112 RH Accuracy over Temperature
Figure 5. HS4113 RH Accuracy Tolerance at 25°C
Figure 6. HS4113 RH Accuracy over Temperature
90
70
50
30
10
0
10
20
30
40
50
60
70
Temperature (°C)
±2.0
±2.5
±3.0
±2.0
±1.5
±2.0
±2.0
90
70
50
30
10
0
10
20
30
40
50
60
70
Temperature (°C)
±2.5
±3.0
±2.5
±1.8
±2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com