Electronic Components Datasheet Search
  English  ▼

X  

HS4112 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HS4112
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4112 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HS4112 Datasheet HTML 8Page - Renesas Technology Corp HS4112 Datasheet HTML 9Page - Renesas Technology Corp HS4112 Datasheet HTML 10Page - Renesas Technology Corp HS4112 Datasheet HTML 11Page - Renesas Technology Corp HS4112 Datasheet HTML 12Page - Renesas Technology Corp HS4112 Datasheet HTML 13Page - Renesas Technology Corp HS4112 Datasheet HTML 14Page - Renesas Technology Corp HS4112 Datasheet HTML 15Page - Renesas Technology Corp HS4112 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HS411x Datasheet
R36DS0025EU0102 Rev.1.02
Apr 28, 2022
Page 13
11. Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website. The package information is the most current data available and is subject to change without revision of
this document.
12. Ordering Information
Part Number
Package Description
Carrier Type
Temperature Range
HS4111
Relative Humidity and Temperature Sensor, with Membrane,
Analog Output.
±1.5% RH (Typical), 2.5 × 2.5 × 0.9 mm, 8-LGA
Reel
-40°C to +105°C
HS4112
Relative Humidity and Temperature Sensor, with Membrane,
Analog Output.
±1.8% RH (Typical), 2.5 × 2.5 × 0.9 mm, 8-LGA
Reel
-40°C to +105°C
HS4113
Relative Humidity and Temperature Sensor, with Membrane,
Analog Output.
±2.5% RH (Typical), 2.5 × 2.5 × 0.9 mm, 8-LGA
Reel
-40°C to +105°C
HS4114
Relative Humidity and Temperature Sensor, with Membrane,
Analog Output.
±3.5% RH (Typical), 2.5 × 2.5 × 0.9 mm, 8-LGA
Reel
-40°C to +105°C
13. Revision History
Revision
Date
Description
1.02
Apr 28, 2022
 Added AEC-Q100 qualified, -40°C to +105C
 Added Industrial JEDEC qualified, -40°C to +105C
 Completed other minor changes
1.01
Apr 14, 2022
Added AEC-Q100.
1.00
Feb 4, 2022
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com