Electronic Components Datasheet Search
  English  ▼

X  

ICS8536-01 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS8536-01
Description  Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8536-01 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS8536-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 9Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 10Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ICS8536-01 Data Sheet
CRYSTAL/LVCMOS/DIFFERENTIAL-TO-LVPECL FANOUT BUFFER
ICS8536AG-01 REVISION B AUGUST 17, 2012
8
PARAMETER MEASUREMENT INFORMATION
3.3V LVPECL OUTPUT LOAD AC TEST CIRCUIT
2.5V LVPECL OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
V
EE
-1.3V±0.165V
SCOPE
Qx
nQx
LVPECL
V
EE
2V
-0.5V ± 0.125V
V
CC
2V
V
CC
DIFFERENTIAL INPUT LEVELS
tsk(o)
nQx
Qx
nQy
Qy
V
CMR
Cross Points
V
PP
V
CC
V
EE
CLK1
nCLK1
OUTPUT SKEW
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
PART-TO-PART SKEW
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q0:Q5
nQ0:nQ5
tsk(pp)
Par t 1
Par t 2
nQx
Qx
nQy
Qy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com