Electronic Components Datasheet Search
  English  ▼

X  

ICS8536-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8536-01
Description  Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8536-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8536-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8536-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Low Skew, 1-to-6, Crystal/ LVCMOS/
Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8536-01
DATA SHEET
ICS8536-01 REVISION B AUGUST 17, 2012
1
GENERAL DESCRIPTION
The ICS8536-01 is a low skew, high performance 1-to-6
Selectable Crystal, Single-Ended, or Differential Input-to-
3.3V, 2.5V LVPECL Fanout Buffer. The ICS8536-01 has
selectable crystal, single ended or differential clock inputs.
The single ended clock input accepts LVCMOS or LVTTL
input levels and translates them to LVPECL levels. The
CLK1, nCLK1 pair can accept most standard differential
input levels. The output enable is internally synchronized to
eliminate runt pulses on the outputs during asynchronous
assertion/deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics
make the ICS8536-01 ideal for those applications demanding
well defined performance and repeatability.
FEATURES
• Six 3.3V, 2.5V LVPECL outputs
• Selectable crystal oscillator, differential CLK1, nCLK1 pair
or LVCMOS/LVTTL clock input
• CLK1, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 700MHz
• Crystal frequency range: 12MHz - 40MHz
• Output skew: 55ps (maximum) CLK1, nCLK1 @ 3.3V
• Part-to-part skew: 450ps (maximum)
• Additive phase jitter, RMS: 0.19ps (typical)
• Full 3.3V or 2.5V supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packages
PIN ASSIGNMENT
00
01
1X
OSC
D
LE
Q
Q0
nQ0
Q5
nQ5
6 LVPECL Outputs
Pullup
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
CLK_EN
CLK_SEL0
CLK_SEL1
XTAL_IN
XTAL_OUT
CLK0
CLK1
nCLK1
ICS8536-01
24-Lead TSSOP
4.40mm x 7.8mm x 0.925mm
package body
G Package
Top View
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
BLOCK DIAGRAM
nQ2
Q2
VCC
nQ1
Q1
VEE
nQ0
Q0
CLK_SEL0
XTAL_IN
XTAL_OUT
CLK_EN
Q3
nQ3
VCC
Q4
nQ4
VCC
Q5
nQ5
CLK_SEL1
nCLK1
CLK1
CLK0


Similar Part No. - ICS8536-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8536-01 IDT-ICS8536-01 Datasheet
176Kb / 21P
Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
More results

Similar Description - ICS8536-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8536-02 IDT-ICS8536-02 Datasheet
884Kb / 17P
Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8536I-33 IDT-ICS8536I-33 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-6, CRYSTAL OSCILLATOR/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
ICS8536AG IDT-ICS8536AG Datasheet
176Kb / 21P
Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01_15 Datasheet
668Kb / 7P
3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8536I-33 RENESAS-8536I-33 Datasheet
575Kb / 20P
Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com