Electronic Components Datasheet Search
  English  ▼

X  

ISL6545IBZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6545IBZ
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6545IBZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6545IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ISL6545, ISL6545A
FN6305 Rev 7.00
Page 10 of 17
October 7, 2015
sense resistor), the regular boot refresh circuit will still be
active.
Current Sinking
The ISL6545x incorporates a MOSFET shoot-through
protection method which allows a converter to sink current as
well as source current. Care should be exercised when
designing a converter with the ISL6545x when it is known that
the converter may sink current.
When the converter is sinking current, it is behaving as a boost
converter that is regulating its input voltage. This means that
the converter is boosting current into the VCC rail, which
supplies the bias voltage to the ISL6545x. If there is nowhere
for this current to go, such as to other distributed loads on the
VCC rail, through a voltage limiting protection device, or other
methods, the capacitance on the VCC bus will absorb the
current. This situation will allow voltage level of the VCC rail to
increase. If the voltage level of the rail is boosted to a level that
exceeds the maximum voltage rating of the ISL6545x, then the
IC will experience an irreversible failure and the converter will
no longer be operational. Ensuring that there is a path for the
current to follow other than the capacitance on the rail will
prevent this failure mode.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to another
can generate voltage transients across the impedances of the
interconnecting bond wires and circuit traces. These
interconnecting impedances should be minimized by using wide,
short printed circuit traces. The critical components should be
located as close together as possible, using ground plane
construction or single point grounding.
Figure 7 shows the critical power components of the converter. To
minimize the voltage overshoot, the interconnecting wires
indicated by heavy lines should be part of a ground or power
plane in a printed circuit board. The components shown should be
located as close together as possible. Please note that the
capacitors CIN and CO may each represent numerous physical
capacitors. For best results, locate the ISL6545x within 1 inch of
the MOSFETs, Q1 and Q2. The circuit traces for the MOSFET
gate and source connections from the ISL6545x must be sized to
handle up to 1A peak current.
Figure 8 shows the circuit traces that require additional layout
consideration. Use single point and ground plane construction
for the circuits shown. Minimize any leakage current paths on
the COMP/SD pin and locate the resistor, ROSCET close to the
COMP/SD pin because the internal current source is only
20µA. Provide local VCC decoupling between VCC and GND
pins. Locate the capacitor, CBOOT as close as practical to the
BOOT and PHASE pins. All components used for feedback
compensation (not shown) should be located as close to the IC
as practical.
Feedback Compensation
This section highlights the design consideration for a
voltage-mode controller requiring external compensation. To
address a broad range of applications, a type-3 feedback
network is recommended, as shown in the top part of Figure 9.
Figure 9 also highlights the voltage-mode control loop for a
synchronous-rectified buck converter, applicable to the ISL6545x
circuit. The output voltage (VOUT) is regulated to the reference
voltage, VREF. The error amplifier output (COMP pin voltage) is
compared with the oscillator (OSC) modified sawtooth wave to
provide a pulse-width modulated wave with an amplitude of VIN at
the PHASE node. The PWM wave is smoothed by the output filter
(L and C). The output filter capacitor bank’s equivalent series
resistance is represented by the series resistor E.
LO
CO
LGATE/OCSET
UGATE
PHASE
Q1
Q2
VIN
VOUT
RETURN
ISL6545,
CIN
FIGURE 7. PRINTED CIRCUIT BOARD POWER AND
GROUND PLANES OR ISLANDS
ISL6545A
FIGURE 8. PRINTED CIRCUIT BOARD SMALL SIGNAL
LAYOUT GUIDELINES
+VCC
ISL6545,
LGATE/OCSET
GND
VCC
BOOT
LO
CO
VOUT
Q1
Q2
PHASE
+VIN
CBOOT
CVCC
ISL6545A
ISL6545, ISL6545A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com