Electronic Components Datasheet Search
  English  ▼

X  

ISL6545IBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6545IBZ
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6545IBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6545IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6545IBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ISL6545, ISL6545A
FN6305 Rev 7.00
Page 14 of 17
October 7, 2015
BOOTSTRAP Considerations
Figure 11 shows the upper gate drive (BOOT pin) supplied by a
bootstrap circuit from VCC. The boot capacitor, CBOOT,
develops a floating supply voltage referenced to the PHASE pin.
The supply is refreshed to a voltage of VCC less the boot diode
drop (VD) each time the lower MOSFET, Q2, turns on. Check
that the voltage rating of the capacitor is above the maximum
VCC voltage in the system; a 16V rating should be sufficient for a
12V system. A value of 0.1µF is typical for many systems driving
single MOSFETs.
If VCC is 12V, but VIN is lower (such as 5V), then another
option is to connect the BOOT pin to 12V, and remove the
BOOT cap (although, you may want to add a local cap from
BOOT to GND). This will make the UGATE VGS voltage equal
to (12V - 5V = 7V). That should be high enough to drive most
MOSFETs, and low enough to improve the efficiency slightly.
Do NOT leave the BOOT pin open, and try to get the same
effect by driving BOOT through VCC and the internal diode;
this path is not designed for the high current pulses that will
result.
For low VCC voltage applications where efficiency is very
important, an external BOOT diode (in parallel with the internal
one) may be considered. The external diode drop has to be
lower than the internal one; the resulting higher VG-S of the
upper FET will lower its rDS(ON). The modest gain in efficiency
should be balanced against the extra cost and area of the
external diode.
+VCC
ISL6545x
GND
LGATE/OCSET
UGATE
PHASE
BOOT
VCC
+VIN
VG-S  VCC - VD
VG-S  VCC
CBOOT
Q1
Q2
+
-
FIGURE 11. UPPER GATE DRIVE BOOTSTRAP
VCC
+ VD -
ISL6545, ISL6545A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com