Electronic Components Datasheet Search
  English  ▼

X  

P25Q64U Datasheet(PDF) 40 Page - Puya Semiconductor Co., Ltd.

Part # P25Q64U
Description  Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q64U Datasheet(HTML) 40 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q64U Datasheet HTML 36Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 37Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 38Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 39Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 40Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 41Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 42Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 43Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 44Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
P25Q64U Datasheet
Puya Semiconductor
Page 40 of 97
10.13 Dual Read Mode (DREAD)
The DREAD instruction enable double throughput of Serial NOR Flash in read mode. The address is latched
on rising edge of SCLK, and data of every two bits (interleave on 2 I/O pins) shift out on the falling edge of
SCLK at a maximum frequency fT. The first address byte can be at any location. The address is automatically
increased to the next higher address after each byte data is shifted out, so the whole memory can be read out
at a single DREAD instruction. The address counter rolls over to 0 when the highest address has been reached.
Once writing DREAD instruction, the following data out will perform as 2-bit instead of previous 1-bit.
The sequence of issuing DREAD instruction is: CS# goes low → sending DREAD instruction → 3-byte
address on SI → 8-bit dummy cycle → data out interleave on SIO1 & SIO0 → to end DREAD operation can
use CS# to high at any time during data out.
While Program/Erase/Write Status Register cycle is in progress, DREAD instruction is rejected without any
impact on the Program/Erase/Write Status Register current cycle.
Figure 10-13 Dual Read Mode Sequence (Command 3B)
Command
0
1
2
3
4
5
6
7
3BH
CS#
SCLK
SI
SO
High - Z
8
9 10
28 29 30 31
3
2
1
0
23
22 21
24- bit address
MSB
5
3
1
7
5
3
1
Data Out1
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Clocks
4
2
0
6
4
2
0
6
6
7
32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com