Electronic Components Datasheet Search
  English  ▼

X  

P25Q64U Datasheet(PDF) 47 Page - Puya Semiconductor Co., Ltd.

Part # P25Q64U
Description  Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUYA [Puya Semiconductor Co., Ltd.]
Direct Link  http://www.puyasemi.com/index_en.html
Logo PUYA - Puya Semiconductor Co., Ltd.

P25Q64U Datasheet(HTML) 47 Page - Puya Semiconductor Co., Ltd.

Back Button P25Q64U Datasheet HTML 43Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 44Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 45Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 46Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 47Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 48Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 49Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 50Page - Puya Semiconductor Co., Ltd. P25Q64U Datasheet HTML 51Page - Puya Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 97 page
background image
P25Q64U Datasheet
Puya Semiconductor
Page 47 of 97
10.20 4 X IO Read in QPI mode
The 4 X I/O Fast Read command is also supported in QPI mode. In QPI mode, the number of dummy clocks is
configured by the “Set Read Parameters (C0H)” command to accommodate a wide range application with
different needs for either maximum Fast Read frequency or minimum data access latency. Depending on the
Read Parameter Bits P[5:4] setting, the number of dummy clocks can be configured as either 4/6/8. In QPI
mode, the “Continuous Read Mode” bits M7-M0 are also considered as dummy clocks. “Continuous Read
Mode” feature is also available in QPI mode for 4 X I/O Fast Read command. “Wrap Around” feature is not
available in QPI mode for 4 X I/O Fast Read command. To perform a read operation with fixed data length wrap
around in QPI mode, a dedicated “Burst Read with Wrap” (0CH) command must be used.
Figure 10-20 4 x I/O Read in QPI Mode Sequence ( M5-4
≠ (1,0) )
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
Command
EBH
A23-16
A15-8
A7-0
M7-0*
IO switch from
input to output
Byte1
Byte2
*“Set Read Parameters” command (C0H)
can set the number of dummy clocks
20
16
12
8
4
0
4
0
4
0
4
0
4
21
17
13
9
5
1
5
1
5
1
5
1
5
22
18
14
10
6
2
6
2
6
2
6
2
6
23
19
15
11
7
3
7
3
7
3
7
3
7
0
1
2
3
4
5
6
7
8
9
10
11
12 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com