Electronic Components Datasheet Search
  English  ▼

X  

TS820 Datasheet(PDF) 1 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # TS820
Description  Blocking voltage to 800 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

TS820 Datasheet(HTML) 1 Page - HAOPIN MICROELECTRONICS CO.,LTD

  TS820 Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD TS820 Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD TS820 Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD TS820 Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD TS820 Datasheet HTML 5Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching
Blocking voltage to 800 V
On-state RMS current to 8 A
Ultra low gate trigger current
Features
Unit
SYMBOL
PARAMETER
Value
VDRM
600T
800T
600
800
V
ITRMS
8
A
ITSM
73
A
Repetitive peak off-state voltages
RMS on-state current
Non-repetitive peak on-state current
1/5
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
SCRs
TS820
TM
HPM
Description
Glass passivated, sensitive gate thyristors in a plastic envelope, intended for use in general purpose
switching and phase control applications. These devices are intended to be interfaced directly to
microcontrollers, logic integrated circuits and other low power gate trigger circuits.
Pin
Description
1
2
3
Cathode
Anode
Gate
Simplified outline
Symbol
a
g
k
123
TO-220
SYMBOL
PARAMETER
UNIT
Rth j-a
Junction to ambient (DC)
70
Rth j-c
Junction to case (DC)
/W
/W
20
Value


Similar Part No. - TS820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS820 STMICROELECTRONICS-TS820 Datasheet
162Kb / 9P
8A SCRs
Apr-2002
TS820 STMICROELECTRONICS-TS820 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
TS820 STMICROELECTRONICS-TS820 Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
TS820-600 STMICROELECTRONICS-TS820-600 Datasheet
162Kb / 9P
8A SCRs
Apr-2002
TS820-600B STMICROELECTRONICS-TS820-600B Datasheet
162Kb / 9P
8A SCRs
Apr-2002
More results

Similar Description - TS820

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT151 HAOPIN-BT151 Datasheet
464Kb / 5P
Blocking voltage to 800 V
BT151S HAOPIN-BT151S Datasheet
382Kb / 5P
Blocking voltage to 800 V
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600SW HAOPIN-BTB06-600SW Datasheet
424Kb / 5P
Blocking voltage to 600 V
BTB08-600CW HAOPIN-BTB08-600CW Datasheet
433Kb / 5P
Blocking voltage to 600 V
MCR310 HAOPIN-MCR310 Datasheet
281Kb / 4P
Blocking voltage to 800 V
BT150 HAOPIN-BT150 Datasheet
391Kb / 5P
Blocking voltage to 800 V
BT258 HAOPIN-BT258 Datasheet
312Kb / 5P
Blocking voltage to 800 V
BT258S HAOPIN-BT258S Datasheet
358Kb / 5P
Blocking voltage to 800 V
MAC4DCN HAOPIN-MAC4DCN Datasheet
495Kb / 6P
Blocking voltage to 800 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com