Electronic Components Datasheet Search
  English  ▼

X  

TS820 Datasheet(PDF) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # TS820
Description  Blocking voltage to 800 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

TS820 Datasheet(HTML) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

  TS820 Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD TS820 Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD TS820 Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD TS820 Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD TS820 Datasheet HTML 5Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Limiting values in accordance with the Maximum system(IEC 134)
2/5
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
TM
HPM
SCRs
TS820
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VV
DRM
RRM
I
T(RMS)
I
T(AV)
I
TSM
It
2
DI /dt
T
I
GM
V
RGM
P
GM
T
stg
T
j
P
G(AV)
Repetitive peak off-state
Voltages
RMS on-state current
Average on-state current
Non-repetitive peak
on-state current
I t for fusing
2
Critical rate of rise
of on-state current
Peak gate current
Peak reverse gate voltage
Peak gate power
Average gate power
Storage temperature
Operating junction
Temperature
V
V
A
W
W
all conduction angles
Half sine wave;<=111
half sine wave; Tj = 25
prior to surge
T=10ms
Tp=20
s
Tj=25
F=60Hz Tj=125
Tj=125
I =2*I , tr
100ns
GGT
A/
s
t=10ms
t=8.3ms
Over any 20 ms period
-
-
-
-
-
-
-
-
-
-
-
-40
-
600
800
600T
800T
50
125
2
Dynamic Characteristics
D/dt
V
V
RG
V
TM
Critical rate of rise of
Off-state voltage
T =125
J
5
8
-
-
-
V
V
1.6
-
-
-
V =65% V
;R =220
;
D
DRM
GK
I=10
A
RG
A
A
A
A
AS
2
8
5
70
73
24.5
4
5
5
1
150
V/ s
I =16A tp=380
S
TM
SYMBOL
PARAMETER
CONDITIONS
MIN
T =25 C unless otherwise stated
J
O
Static characteristics
I
GT
I
L
I
H
V
TO
V
GT
V
GD
Rd
Gate trigger current
Latching current
Holding current
Threshold voltage
Tj=125
Tj=125
Gate trigger voltage
Dynamic resistance
V =12V; R =140
DL
V =12V; R =140
DL
V =V
; R =3.3K
R =220
D
DRM
L
GK
I =1mA,R =1k
GGK
IT=50mA,R =1k
GK
T =125
J
UNIT
MAX
TYP
-
-
-
-
-
5
-
-
0.85
-
-
-
46
mA
m
V
200
-
-
6
-
mA
0.8
0.1
V
V
A
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com