Electronic Components Datasheet Search
  English  ▼

X  

NCE30P16Q Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE30P16Q
Description  NCE P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE30P16Q Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE30P16Q Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P16Q Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P16Q Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P16Q Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P16Q Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P16Q Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wuxi NCE Power Co., Ltd
Page
V1.0
1
NCE30P16Q
Pb Free Product
http://www.ncepower.com
NCE P-Channel Enhancement Mode Power MOSFET
Description
The NCE30P16Q uses advanced trench technology to provide
excellent RDS(ON), low gate charge . This device is suitable for
use as a load switch or in PWM applications.
General Features
●
VDS = -30V,ID = -16A
RDS(ON) < 30mΩ @ VGS=-4.5V
RDS(ON) < 18mΩ @ VGS=-10V
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Application
●
PWM applications
●
Load switch
●
Power management
Schematic diagram
Marking and pin assignment
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE30P16Q
NCE30P16Q
DFN3.3X3.3
Ø330mm
12mm
2500 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-16
A
Drain Current-Continuous(TC=100 )
℃
ID (100℃)
-11.3
A
Drain Current-Pulsed
(Note 1)
IDM
-64
A
Maximum Power Dissipation
PD
30
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
4.2
/W
℃


Similar Part No. - NCE30P16Q

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE30P10S NCEPOWER-NCE30P10S Datasheet
282Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
v1.2
NCE30P12BS NCEPOWER-NCE30P12BS Datasheet
714Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
V1.0
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE30P12S VBSEMI-NCE30P12S Datasheet
1,002Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Shanghai Leiditech Elec...
NCE30P12S LEIDITECH-NCE30P12S Datasheet
962Kb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NCE30P16Q

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com