Electronic Components Datasheet Search
  English  ▼

X  

NCE30P16Q Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE30P16Q
Description  NCE P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE30P16Q Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE30P16Q Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P16Q Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P16Q Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P16Q Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P16Q Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P16Q Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wuxi NCE Power Co., Ltd
Page
V1.0
2
NCE30P16Q
Pb Free Product
http://www.ncepower.com
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1.2
-1.6
-2.5
V
VGS=-10V, ID=-10A
-
13
18
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-10A
-
22
30
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-10A
-
20
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
1363
-
PF
Output Capacitance
Coss
-
250
-
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
-
210
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
9
-
nS
Turn-on Rise Time
tr
-
10
-
nS
Turn-Off Delay Time
td(off)
-
25
-
nS
Turn-Off Fall Time
tf
VDD=-30V, RL=3Ω,
VGS=-10V,RG=2.5Ω
-
10
-
nS
Total Gate Charge
Qg
-
31.2
nC
Gate-Source Charge
Qgs
-
3.2
nC
Gate-Drain Charge
Qgd
VDS=-15,ID=-10A,
VGS=-10V
-
9.2
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-10A
-
-1.2
V
Diode Forward Current
(Note 2)
IS
-
-
-16
A
Reverse Recovery Time
trr
-
24
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF =- 10A
di/dt = -100A/μs
(Note3)
-
16
nC
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
5.
EAS condition: Tj=25℃,VDD=-15V,VG=-10V,L=0.5mH,Rg=25Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com