Electronic Components Datasheet Search
  English  ▼

X  

AD8197ASTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8197ASTZ
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8197ASTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8197ASTZ Datasheet HTML 6Page - Analog Devices AD8197ASTZ Datasheet HTML 7Page - Analog Devices AD8197ASTZ Datasheet HTML 8Page - Analog Devices AD8197ASTZ Datasheet HTML 9Page - Analog Devices AD8197ASTZ Datasheet HTML 10Page - Analog Devices AD8197ASTZ Datasheet HTML 11Page - Analog Devices AD8197ASTZ Datasheet HTML 12Page - Analog Devices AD8197ASTZ Datasheet HTML 13Page - Analog Devices AD8197ASTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD8197
Preliminary Technical Data
PrA| Page 10 of 32
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input
swing = 1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, pattern = PRBS 27 − 1, data rate = 2.25 Gbps, unless
otherwise noted.
Figure 9. Test Circuit Diagram for TX Eye Diagrams
Figure 10. TX Eye Diagram at TP2, PE = 2 dB
Figure 11. TX Eye Diagram at TP2, PE = 6 dB
Figure 12. TX Eye Diagram at TP3, PE = 2 dB (Cable = 2 meters, 30 AWG)
Figure 13. TX Diagram at TP3, PE = 6 dB (Cable = 10 meters, 28 AWG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com