Electronic Components Datasheet Search
  English  ▼

X  

AP3842 Datasheet(PDF) 5 Page - Anachip Corp

Part # AP3842
Description  High Performance Current Mode PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP3842 Datasheet(HTML) 5 Page - Anachip Corp

  AP3842 Datasheet HTML 1Page - Anachip Corp AP3842 Datasheet HTML 2Page - Anachip Corp AP3842 Datasheet HTML 3Page - Anachip Corp AP3842 Datasheet HTML 4Page - Anachip Corp AP3842 Datasheet HTML 5Page - Anachip Corp AP3842 Datasheet HTML 6Page - Anachip Corp AP3842 Datasheet HTML 7Page - Anachip Corp AP3842 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
High Performance Current Mode PWM Controller
AP3842/3/4/5
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct.11, 2004
5/8
Peak current(is) is determined by the formula
1.0V
IS max ≈
RS
A small RC filter may be required to suppress switch transients.
Figure 4.
5
4
8
R
T
C
T
V
REF
R
T/CT
GROUND
for R
T > 5KΩ f=
1.72
R
TCT
Figure 5 : Open Loop Test Circuit.
1
2
3
4
5
6
7
8
COMP.
VFB
VREF
ISENSE
RT/CT
OUTPUT
GROUND
Vi
AP3842
A
GROUND
OUTPUT
Vi
VREF
TW
1K
0.1
uF
0.1
uF
CT
5K
4.7K
4.7K
1K
100K
ISENSE
ADJUST
ERROR AMP.
ADJUST
RT
2N2222
High peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and
bypass apacitors should be connected close to pin 5 in a single point ground. The transistor and 5 KΩ
potentiometer are used to sample the oscillator waveform and apply an adjustable ramp to pin 3.
Figure 6 : Shutdown Techniques.
3
B
1 COMP
SHUTDOWN
TO CURRENT
SENSE RESISTOR
VREF
ISENSE
1K
500K
330K
SHUTDOWN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com