Electronic Components Datasheet Search
  English  ▼

X  

AP3842 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP3842
Description  High Performance Current Mode PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP3842 Datasheet(HTML) 1 Page - Anachip Corp

  AP3842 Datasheet HTML 1Page - Anachip Corp AP3842 Datasheet HTML 2Page - Anachip Corp AP3842 Datasheet HTML 3Page - Anachip Corp AP3842 Datasheet HTML 4Page - Anachip Corp AP3842 Datasheet HTML 5Page - Anachip Corp AP3842 Datasheet HTML 6Page - Anachip Corp AP3842 Datasheet HTML 7Page - Anachip Corp AP3842 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High Performance Current Mode PWM Controller
AP3842/3/4/5
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Oct.11, 2004
1/8
Features
•
Optimized for Off-Line and DC to DC Converters
•
Low Start-Up Current (≦0.5mA)
•
Automatic Feed Forward Compensation
•
Pulse-by-Pulse Current Limiting
•
Enhanced Load Response Characteristics
•
Under-Voltage Lockout (UVLO) with Hysteresis
•
Double Pulse Suppression
•
High Current Totem Pole Output
•
Internally Trimmed Bandgap Reference
•
Current Mode Operation to 500KHZ
•
Low Ro Error Amplifier
Pin Connections
PDIP-8L, SOP-8L
1
2
3
4
COMP.
V
FB
V
REF
5
6
7
8
I
SENSE
R
T/CT
OUTPUT
GROUND
V
I
Top View
General Description
The AP3842/3/4/5 family of control ICs provides the
necessary features to implement off-line or DC to
DC fixed frequency current mode control schemes
with a minimal external parts count. Internally
implemented circuits include under voltage lockout
featuring start-up current less than 0.5 mA, a
precision reference trimmed for accuracy at the
error amp input, logic to insure latched operation, a
PWM comparator which also provides current limit
control, and a totem pole output stage designed to
source or sink high peak current. The output stage,
suitable for driving N-Channel MOSFETs, is low in
the off-state.
Differences between members of this family are the
under-voltage lockout thresholds and maximum
duty cycle ranges. The AP3842 and AP3844 have
UVLO thresholds of 16V(on) and 10V(off), ideally
suited for off-line applications. The corresponding
thresholds for the AP3843 and AP3845 are 8.5V
and 7.6V. The AP3842 and AP3843 can operate to
duty cycles approaching 100%. A range of the zero
to < 50% is obtained by the AP3844 and AP3845
by the addition of an internal toggle flip flop which
blanks the output off every other clock cycle.
Ordering Information
AP 384X X X X
Package
S8:SOP-8L
N8:PDIP-8L
Packing
Blank: Tube
Part No.
2:3842
3:3843
4:3844
5:3845
Lead Free
Blank : Normal
L : Lead Free Package A : Taping


Similar Part No. - AP3842

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
CURRENT MODE PWM CONTROLLER
AP3842CM BCDSEMI-AP3842CM Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
AP3842CM-E1 BCDSEMI-AP3842CM-E1 Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3842CM-E1 DIODES-AP3842CM-E1 Datasheet
359Kb / 14P
CURRENT MODE PWM CONTROLLER
Rev 2
AP3842CM-G1 DIODES-AP3842CM-G1 Datasheet
359Kb / 14P
CURRENT MODE PWM CONTROLLER
Rev 2
More results

Similar Description - AP3842

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com