Electronic Components Datasheet Search
  English  ▼

X  

BLV33F Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLV33F
Description  VHF linear power transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV33F Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLV33F Datasheet HTML 8Page - NXP Semiconductors BLV33F Datasheet HTML 9Page - NXP Semiconductors BLV33F Datasheet HTML 10Page - NXP Semiconductors BLV33F Datasheet HTML 11Page - NXP Semiconductors BLV33F Datasheet HTML 12Page - NXP Semiconductors BLV33F Datasheet HTML 13Page - NXP Semiconductors BLV33F Datasheet HTML 14Page - NXP Semiconductors BLV33F Datasheet HTML 15Page - NXP Semiconductors BLV33F Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1996 Oct 10
12
Philips Semiconductors
Product specification
VHF linear power transistor
BLV33F
RF performance in VHF class-AB operation (C.W.).
Note
1. Gain compression point of 1 dB is at typical 85 W (minimum 75 W). Using a 3rd-order amplitude transfer
characteristic, 1 dB compression corresponds with 30 % sync input / 25 % sync output compression in television
service (negative modulation, C.C.I.R. system).
MODE OF
OPERATION
f
(MHz)
VCE
(V)
IC, IC(ZS)
(A)
Th
(
°C)
PL
(W)
IC
(A)
ηC
(%)
GP
(dB)(1)
CW, class-AB
224.25
28
0.2
70
40
typ. 2.75
typ. 52
typ. 11.5
85
typ. 4.25
typ. 71
typ. 10.5
Fig.16 Class-AB test circuit at fvision = 224.25 MHz.
handbook, full pagewidth
MGG147
50
Ω
C1
C3
C2
L1
C4
C5
L2
C8
C9
C7
C6
+VBB
50
Ω
C18
C17
C16
L6
C13
C14
L4
C11
C12
+VCC
C10
R1
C15
D.U.T.
L3
L5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com