Electronic Components Datasheet Search
  English  ▼

X  

BLV33F Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLV33F
Description  VHF linear power transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV33F Datasheet(HTML) 4 Page - NXP Semiconductors

  BLV33F Datasheet HTML 1Page - NXP Semiconductors BLV33F Datasheet HTML 2Page - NXP Semiconductors BLV33F Datasheet HTML 3Page - NXP Semiconductors BLV33F Datasheet HTML 4Page - NXP Semiconductors BLV33F Datasheet HTML 5Page - NXP Semiconductors BLV33F Datasheet HTML 6Page - NXP Semiconductors BLV33F Datasheet HTML 7Page - NXP Semiconductors BLV33F Datasheet HTML 8Page - NXP Semiconductors BLV33F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1996 Oct 10
4
Philips Semiconductors
Product specification
VHF linear power transistor
BLV33F
Example
Nominal class-A operation (without RF signal): VCE = 25 V; IC = 3.2 A; Th =70 °C.
Figure 4 shows:
Rth j-h = max. 1.63 K/W
Tj = max. 200 °C.
Typical device:
Rth j-h = typ.1.53 K/W
Tj = typ. 192 °C.
Fig.4
Maximum thermal resistance from junction to heatsink as a function of power dissipation, with heatsink
and junction temperature as parameters.
Rth mb-h = 0.2 K/W.
handbook, full pagewidth
150
2.0
Rth j-h
(K/W)
1.0
1.2
1.4
1.6
0
Ptot (W)
MGG144
1.8
100
50
T h
= 120
°C
100
°C
80
°C
60
°C
40 °
C
20 °
C
0 °C
75
°C
100
°C
125
°C
150
°C
175
°C
Tj = 200 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com