Electronic Components Datasheet Search
  English  ▼

X  

BLV90 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLV90
Description  UHF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV90 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLV90 Datasheet HTML 2Page - NXP Semiconductors BLV90 Datasheet HTML 3Page - NXP Semiconductors BLV90 Datasheet HTML 4Page - NXP Semiconductors BLV90 Datasheet HTML 5Page - NXP Semiconductors BLV90 Datasheet HTML 6Page - NXP Semiconductors BLV90 Datasheet HTML 7Page - NXP Semiconductors BLV90 Datasheet HTML 8Page - NXP Semiconductors BLV90 Datasheet HTML 9Page - NXP Semiconductors BLV90 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
February 1996
8
Philips Semiconductors
Product specification
UHF power transistor
BLV90
Fig.9 Input impedance (series components).
VCE = 12.5 V; PL = 1 W; f = 800 - 960 MHz;
Tmb =25 °C; class-B operation; typical values.
handbook, halfpage
800
1000
8
−2
0
2
4
6
840
xi
ri
880
920
Zi
(
Ω)
f (MHz)
960
MDA396
Fig.10 Load impedance (series components).
VCE = 12.5 V; PL = 1 W; f = 800 - 960 MHz;
Tmb =25 °C; class-B operation; typical values.
handbook, halfpage
800
1000
25
15
17
19
21
23
840
XL
RL
880
920
ZL
(
Ω)
f (MHz)
960
MDA397
Fig.11 Power gain as a function of frequency.
VCE = 12.5 V; PL = 1 W; f = 800 - 960 MHz;
Tmb =25 °C; class-B operation; typical values.
handbook, halfpage
800
12
8
4
0
850
f (MHz)
Gp
(dB)
900
1000
950
MDA563



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com