Electronic Components Datasheet Search
  English  ▼

X  

BLV90 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLV90
Description  UHF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV90 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLV90 Datasheet HTML 1Page - NXP Semiconductors BLV90 Datasheet HTML 2Page - NXP Semiconductors BLV90 Datasheet HTML 3Page - NXP Semiconductors BLV90 Datasheet HTML 4Page - NXP Semiconductors BLV90 Datasheet HTML 5Page - NXP Semiconductors BLV90 Datasheet HTML 6Page - NXP Semiconductors BLV90 Datasheet HTML 7Page - NXP Semiconductors BLV90 Datasheet HTML 8Page - NXP Semiconductors BLV90 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
February 1996
3
Philips Semiconductors
Product specification
UHF power transistor
BLV90
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
Dissipation = 2.25 W
Note
1. Device mounted on a printed-circuit board (see Fig.6).
Collector-base voltage (open emitter)
VCBO
max.
36 V
Collector-emitter voltage (open base)
VCEO
max.
16 V
Emitter-base voltage (open collector)
VEBO
max.
3 V
Collector current
DC or average
IC; IC(AV)
max.
0.2 A
(peak value); f
> 1 MHz
ICM
max.
0.6 A
Total power dissipation
f
> 1 MHz; Tmb < 105 °CPtot(rf)
max.
3.5 W
Storage temperature
Tstg
−65 to + 150 °C
Operating junction temperature
Tj
max.
200
°C
From junction to ambient(1) (f
> 1 MHz)
Ta =25 °CRth j−a (RF)
max.
60 K/W
From junction to mounting base
Tmb =25 °C(f > 1 MHz)
Rth j-mb (RF)
max.
19 K/W
Fig.2 Power/temperature curve.
I Continuous RF operation (f
> 1 MHz)
II Short-time RF operation during mismatch (f
> 1 MHz)
handbook, halfpage
0
II
I
40
80
Ptot(rf)
(W)
Tmb (°C)
160
5
0
4
120
3
2
1
MDA389



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com