Electronic Components Datasheet Search
  English  ▼

X  

SC18IS601IPW Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC18IS601IPW
Description  SPI to IC-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IS601IPW Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC18IS601IPW Datasheet HTML 10Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 11Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 12Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 13Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 14Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 15Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 16Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 17Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
SC18IS600_601_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
14 of 28
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
When the host issues a Read Buffer command, the SC18IS600/601 will return the data in
the read buffer on the MISO pin. Note that the Read Buffer will be overwritten if an
additional ‘Read N bytes’ or a ‘Read after write’ command is executed before the Read
Buffer command.
6.6.5 I2C-bus write after write
When the host issues this command, the SC18IS600/601 will first write N data bytes to
the I2C-bus slave 1 device followed by a write of M data bytes to the I2C-bus slave 2
device.
6.6.6 SPI configuration
The SPI configuration command can be used to change the order in which the bits of SPI
data byte are sent on the SPI bus. In the LSB first configuration (SPI configuration data is
0x42), bit 0 is the first bit sent of any SPI byte. In MSB first (SPI configuration data is
0x81), bit 7 is the first bit sent. Table 9 shows the two possible configurations that can be
programmed.
Fig 16. Write after write
002aab721
NUMBER OF
BYTES 1
0x03
COMMAND
SLAVE 1
ADDRESS + W
SPI host sends
DATA
BYTE 1
DATA
BYTE N
NUMBER OF
BYTES 2
SLAVE 2
ADDRESS + W
DATA
BYTE 1
DATA
BYTE N
Fig 17. SPI configuration
Table 9.
SPI configuration
SPI configuration
Data order
0x42
LSB first
0x81
MSB first (default)
002aab722
0x18
COMMAND
SPI
CONFIGURATION
SPI host sends
CS
SCLK
MOSI
SPI configuration data
character 0x18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com